Electronic Components Datasheet Search
  English  ▼

X  

EC50 Datasheet(PDF) 15 Page - Relpol S.A.

Part # EC50
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

EC50 Datasheet(HTML) 15 Page - Relpol S.A.

Back Button EC50 Datasheet HTML 11Page - Relpol S.A. EC50 Datasheet HTML 12Page - Relpol S.A. EC50 Datasheet HTML 13Page - Relpol S.A. EC50 Datasheet HTML 14Page - Relpol S.A. EC50 Datasheet HTML 15Page - Relpol S.A. EC50 Datasheet HTML 16Page - Relpol S.A. EC50 Datasheet HTML 17Page - Relpol S.A. EC50 Datasheet HTML 18Page - Relpol S.A. EC50 Datasheet HTML 19Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
15
Plug-in sockets and accessories
PRECAUTIONS:
1. Ensure that the parameters of the product described in its specification provide a safety margin for the appropriate operation of the device or system and never use
the product in circumstances which exceed the parameters of the product.
2. Never touch any live parts of the device. 3. Ensure that the product has been connected
correctly. An incorrect connection may cause malfunction, excessive heating or risk of fire.
4. In case of any risk of any serious material loss or death or injuries
of humans or animals, the devices or systems shall be designed so to equip them with double safety system to guarantee their reliable operation.
❼
For RUC faston 4,8 x 0,5 and RUC-M, with GUC11 socket, max. switching voltages and coil voltages of relays are limited to 250 V AC / DC.
❽
Solid state relays type
RSR30 - see www.relpol.com.pl
GZ14Z
For R15 - 4 CO
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
On panel mounting, behind
92,2 x 46 x 23 mm
Four poles
10 A, 250 V AC
Dimensions
Accessories
Connection diagram
Mounting
dimensions
(screw terminals
side view)
GZ14 0737
GUC11
For RUC faston 4,8x0,5, RUC-M
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
82 x 42,2 x 26,5 mm
Three poles
16 A, 250 V AC
Dimensions
Connection diagram
Accessories
MBA
PI6W-1P
For RM699BV, RSR30 ❽
Screw terminals
Max. tightening moment
for the terminal: 0,3 Nm
35 mm rail mount
acc. to PN-EN 60715
98,5 x 6,2 x 85,5 mm
One pole
6 A, 250 V AC
Dimensions
Connection diagram
RM699BV
RSR30
Accessories
PI6W-1P
ZG20
PI6W-1246
❼



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com