Electronic Components Datasheet Search
  English  ▼

X  

LTC2287UP Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2287UP
Description  Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2287UP Datasheet(HTML) 1 Page - Linear Technology

  LTC2287UP Datasheet HTML 1Page - Linear Technology LTC2287UP Datasheet HTML 2Page - Linear Technology LTC2287UP Datasheet HTML 3Page - Linear Technology LTC2287UP Datasheet HTML 4Page - Linear Technology LTC2287UP Datasheet HTML 5Page - Linear Technology LTC2287UP Datasheet HTML 6Page - Linear Technology LTC2287UP Datasheet HTML 7Page - Linear Technology LTC2287UP Datasheet HTML 8Page - Linear Technology LTC2287UP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2288/LTC2287/LTC2286
1
228876f
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■ Integrated Dual 10-Bit ADCs
■ Sample Rate: 65Msps/40Msps/25Msps
■ Single 3V Supply (2.7V to 3.4V)
■ Low Power: 400mW/235mW/150mW
■ 61.6dB SNR at 70MHz Input
■ 85dB SFDR at 70MHz Input
■ 110dB Channel Isolation at 100MHz
■ Multiplexed or Separate Data Bus
■ Flexible Input: 1VP-P to 2VP-P Range
■ 575MHz Full Power Bandwidth S/H
■ Clock Duty Cycle Stabilizer
■ Shutdown and Nap Modes
■ Pin Compatible Family
80Msps: LTC2294 (12-Bit), LTC2289 (10-Bit)
65Msps: LTC2293 (12-Bit), LTC2288 (10-Bit)
40Msps: LTC2292 (12-Bit), LTC2287 (10-Bit)
25Msps: LTC2291 (12-Bit), LTC2286 (10-Bit)
■ 64-Pin (9mm × 9mm) QFN Package
Dual 10-Bit, 65/40/25Msps
Low Noise 3V ADCs
The LTC
®2288/LTC2287/LTC2286 are 10-bit 65Msps/
40Msps/25Msps, low noise dual 3V A/D converters de-
signed for digitizing high frequency, wide dynamic range
signals. The LTC2288/LTC2287/LTC2286 are perfect for
demanding imaging and communications applications
with AC performance that includes 61.6dB SNR and 85dB
SFDR for signals well beyond the Nyquist frequency.
DC specs include ±0.1LSB INL (typ), ±0.05LSB DNL (typ)
and ±0.6 LSB INL, ±0.5 LSB DNL over temperature. The
transition noise is a low 0.07LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.3V
logic. An optional multiplexer allows both channels to
share one digital output bus.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
LTC2288: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
–
+
INPUT
S/H
ANALOG
INPUT A
ANALOG
INPUT B
CLK A
CLK B
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OUTPUT
DRIVERS
•
•
•
OVDD
OGND
MUX
D9A
D0A
•
•
•
OVDD
OGND
228876 TA01
D9B
D0B
–
+
OUTPUT
DRIVERS
INPUT
S/H
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
INPUT FREQUENCY (MHz)
0
59.5
60.5
200
228876 TA02
58.5
57.5
50
100
150
62.5
61.5
■ Wireless and Wired Broadband Communication
■ Imaging Systems
■ Spectral Analysis
■ Portable Instrumentation


Similar Part No. - LTC2287UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results

Similar Description - LTC2287UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2238 LINER-LTC2238 Datasheet
697Kb / 28P
10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2237 LINER-LTC2237_15 Datasheet
703Kb / 28P
10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2286 LINER-LTC2286_15 Datasheet
964Kb / 28P
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288_15 Datasheet
964Kb / 28P
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2293 LINER-LTC2293_15 Datasheet
1Mb / 28P
Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com