Electronic Components Datasheet Search
  English  ▼

X  

211 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 211
Description  Shuguang Vacuum Tube 211
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

211 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  211 Datasheet HTML 1Page - List of Unclassifed Manufacturers 211 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Analog Metric Limited
Email: sales@analogmetric.com
http://www.AnalogMetric.com
18
SPECIFICATION
Filament Heating
UH………… 10 V
IH………… 3.2 A
Maximum Ratings
Ua……………1000 1250 1250 V
-
Ug…………………… 72 95 V
Ia……………… 130 106 150 mA
Pa(in)……………………150 W
Pa………………………100 W
ü(pk)…………… 125 125 V
Ig(approx) ……… 5 1 mA
Pg(in).(approx) … 10 7.5 W
Pout………… … 40 42.5 W
Capacitance
Input capacitance……………………6pPF
Output capacitance……………………5.5pF
Muller capacitance……………………14.5pF
DC Parameters
Ua……………1000 1250 1250 V
-Ug…………………… 72 95 V
Ia……………… 130 106 150 mA
Pa(in)………………………150 W
Pa……………………………100 W
ü(pk)……………… 125 125 V
Ig(approx) ……… 5 1 mA
Pg(in).(approx) … 10 7.5 W
Pout………………… 40 42.5 W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com