Electronic Components Datasheet Search
  English  ▼

X  

L7809 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L7809
Description  TO-220 Plastic-Encapsulate Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L7809 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L7809 Datasheet HTML 1Page - List of Unclassifed Manufacturers L7809 Datasheet HTML 2Page - List of Unclassifed Manufacturers L7809 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
Co
0.1μF
TO-220 Plastic-Encapsulate Voltage Regulator
L7809 Three-terminal positive voltage regulator
FEATURES
Maximum output current IOM: 1.5 A
Output voltage Vo: 9 V
Continuous total dissipation
PD:1.5 W (Ta = 25
℃ )
15 W (TC = 25
℃ )
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
35
V
Thermal
Resistance from Junction to Ambient
RθJA
83.3
℃/W
Thermal
Resistance from Junction to Case
RθJC
8.3
℃/W
Operating Junction Temperature Range
TOPR
0
~+150
℃
Storage Temperature Range
TSTG
-
55~+150
℃
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE
(Vi=16V, Io=500mA,Ci=0.33μF,Co=0.1μF, unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
25
℃
8.65
9
9.35
V
Output voltage
Vo
11.5V≤V i≤24V, Io= 5mA-1A,
P≤15W
0-125
℃
8.55
9
9.45
V
Io=5mA-1.5A
25
℃
12
180
mV
Load Regulation
∆Vo
Io=250mA-750mA
25
℃
4
90
mV
11.5V≤V i≤27V
25
℃
7
180
mV
Line regulation
∆Vo
13V≤V i≤19V
25
℃
2
90
mV
Quiescent Current
Iq
25
℃
4.3
8
mA
11.5V≤V i≤27V
0-125
℃
1
mA
Quiescent Current Change
∆Iq
5mA≤IO≤1A
0-125
℃
0.5
mA
Output voltage drift
Vo/ T
△△
IO=5mA
0-125
℃
-1
mV/℃
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
℃
60
uV
Ripple Rejection
RR
12V≤V i≤22V,f=120Hz
0-125
℃
55
70
dB
Dropout Voltage
Vd
Io=1A
25
℃
2
V
Output resistance
RO
f=1KHZ
25
℃
18
mΩ
Short Circuit Current
Isc
25
℃
400
mA
Peak Current
Ipk
25
℃
2.2
A
TYPICAL APPLICATION
Vi
1
3
Vo
UTC
Ci
0.33μF
TO-220-3L
1. IN
2. GND
3. OUT
CJ7809
1
E,Oct,2014


Similar Part No. - L7809

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7809A STMICROELECTRONICS-L7809A Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
L7809AB STMICROELECTRONICS-L7809AB Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7809AB STMICROELECTRONICS-L7809AB Datasheet
373Kb / 28P
Precision 1A regulators
19-Jan-2007
L7809AB STMICROELECTRONICS-L7809AB Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7809AB STMICROELECTRONICS-L7809AB Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
More results

Similar Description - L7809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ7905 ETC1-CJ7905 Datasheet
44Kb / 1P
TO-220 Encapsulate Voltage Regulator
logo
ZP Semiconductor
CJ7805H ZPSEMI-CJ7805H Datasheet
604Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7806-TO220-3L ZPSEMI-CJ7806-TO220-3L Datasheet
936Kb / 2P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7809-TO220-3L ZPSEMI-CJ7809-TO220-3L Datasheet
702Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulator
CJ7812-TO220-3L ZPSEMI-CJ7812-TO220-3L Datasheet
1,001Kb / 2P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7815-TO220-3L ZPSEMI-CJ7815-TO220-3L Datasheet
574Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulator
CJ7905-TO220-3L ZPSEMI-CJ7905-TO220-3L Datasheet
493Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7906 ZPSEMI-CJ7906 Datasheet
659Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7909 ZPSEMI-CJ7909 Datasheet
614Kb / 1P
TO-220-3L Plastic-Encapsulate Voltage Regulator
CJ7915-TO220-3L ZPSEMI-CJ7915-TO220-3L Datasheet
1Mb / 2P
TO-220-3L Plastic-Encapsulate Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com