Electronic Components Datasheet Search
  English  ▼

X  

KT503 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KT503
Description  TIRISTORI I TRIJACI
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT503 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KT503 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18000 Niš, Jovana Ristiæa 7, P.O.Box 135, Tel: 018 / 520-455, 522-814, 522-965, fax: 522-660
http://www.MGelectronic.co.yu e-mail: office@MGelectronic.co.yu
115
TIRISTORI I TRIJACI
TIR
TIRISTORI I TRIJACI
TIR
TO48
TO220A
TO40
Tip
Cena
UDRM
URRM
(V)
ITAV
(A)
IGT
(mA)
Case
CS45-16IO1 38,00 1600 75
40
TO247
KT206
2,50
400
4
10
TO220A
KT503
2,00
200
1
10
TO39
KT505
2,20
400
1
10
TO39
KT705
9,00
400
15
40
TO48
KT707
10,00
600
15
40
TO48
KT708
12,00
700
15
40
TO48
T112
12,00 1000
16
40
TO40
T122
18,00 1000
25
40
TO48
TIC106D
1,00
400
4
0,2
TO126
TIC106M1
1,20
600
4
0,2
TO126
TIC106M
1,50
600
5
0,2
TO220B
TIC106N
1,80
800
5
0,2
TO220B
TIC116M
2,00
600
8
20
TO220B
TIC116N
2,20
800
8
20
TO220B
TIC126M
2,50
600
12
20
TO220B
TIC126N
3,00
800
12
20
TO220B
UDRM - probojni napon neprovodnog stanja
URRM - probojna vrednost reverznog napona
ITAV - popreèna struja provoðenja, IGT-struja okidanja gejta
TIRISTORI ............................... TIR
TIRISTORI 1 - 50A
TO220B
TO247


Similar Part No. - KT503

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032 Datasheet
129Kb / 1P
5.0횞3.2mm
KT5032 KSS-KT5032 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032F20000AAY33T KSS-KT5032F20000AAY33T Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032F20000KAW33T KSS-KT5032F20000KAW33T Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032F20000KAY33T KSS-KT5032F20000KAY33T Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
More results

Similar Description - KT503

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N482B NJSEMI-1N482B Datasheet
67Kb / 1P
SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
Fast Rectifier, 5A < I(O) / I(F) <10A
1N6627 NJSEMI-1N6627 Datasheet
83Kb / 1P
FAST RECTIFIER, 1A < I(O) / I(F) < 2A
logo
FERYSTER Inductive Comp...
EDR3909-K-V-8P-LP FERYSTER-EDR3909-K-V-8P-LP Datasheet
208Kb / 1P
IMPORT I DYSTRYBUCJA IMPORT I DYSTRYBUCJA
logo
THine Electronics, Inc.
THCS131 THINE-THCS131_15 Datasheet
527Kb / 11P
I/OSpreader
THCS132 THINE-THCS132_15 Datasheet
735Kb / 20P
I/OSpreader
THCS133 THINE-THCS133_15 Datasheet
496Kb / 11P
I/OSpreader
logo
PHOENIX CONTACT
2864406 PHOENIX-2864406 Datasheet
99Kb / 5P
Signal conditioner - MINI MCR-SL-I-I
2864723 PHOENIX-2864723 Datasheet
92Kb / 5P
Signal conditioner - MINI MCR-SL-I-I-SP
2901998 PHOENIX-2901998 Datasheet
91Kb / 5P
Signal conditioner - MINI MCR-2-I-I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com