| Electronic Components Datasheet Search |
|
MCP9700AT-E/TT Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9700AT-E/TT Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 22 page ![]() MCP9700/9700A and MCP9701/9701A DS20001942G-page 2 2005-2016 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † VDD....................................................................... 6.0V Storage Temperature......................... -65°C to +150°C Ambient Temp. with Power Applied... -40°C to +150°C Output Current .................................................±30 mA Junction Temperature (TJ).................................. 150°C ESD Protection on All Pins (HBM:MM) ..... (4 kV:200V) Latch-Up Current at Each Pin ....................... ±200 mA † Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. DC ELECTRICAL CHARACTERISTICS Electrical Specifications: Unless otherwise indicated: MCP9700/9700A: V DD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125 °C and No load MCP9701/9701A: V DD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125 °C and No load Parameter Sym. Min. Typ. Max. Unit Conditions Power Supply Operating Voltage Range VDD VDD 2.3 3.1 — — 5.5 5.5 V V MCP9700/9700A MCP9701/9701A Operating Current IDD —6 12 µA IDD —— 15 µA TA = 150°C (Note 1) Line Regulation °C/V DD —0.1 — °C/V Sensor Accuracy (Notes 2, 3) TA = +25°C TACY —±1 — °C TA = 0°C to +70°C TACY -2.0 ±1 +2.0 °C MCP9700A/9701A TA = -40°C to +125°C TACY -2.0 ±1 +4.0 °C MCP9700A TA = -10°C to +125°C TACY -2.0 ±1 +4.0 °C MCP9701A TA = 0°C to +70°C TACY -4.0 ±2 +4.0 °C MCP9700/9701 TA = -40°C to +125°C TACY -4.0 ±2 +6.0 °C MCP9700 TA = -10°C to +125°C TACY -4.0 ±2 +6.0 °C MCP9701 TA = -40°C to +150°C TACY -4.0 ±2 +6.0 °C HighTemperature (Note 1) Sensor Output Output Voltage, TA = 0°C V0°C — 500 — mV MCP9700/9700A Output Voltage, TA = 0°C V0°C — 400 — mV MCP9701/9701A Temperature Coefficient TC —10.0 — mV/°C MCP9700/9700A TC —19.5 — mV/°C MCP9701/9701A Output Nonlinearity VONL —±0.5 — °C TA = 0°C to +70°C (Note 3) Note 1: MCP9700 with SC70-5 and SOT-23-3 packages only. The MCP9700 High Temperature is not available with TO-92 package. 2: The MCP9700/9700A family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accuracy is tested with VDD = 5.0V. 3: The MCP9700/9700A and MCP9701/9701A family is characterized using the first-order or linear equation, as shown in Equation 4-2. Also refer to Figure 2-16. 4: The MCP9700/9700A and MCP9701/9701A family is characterized and production tested with a capacitive load of 1000 pF. 5: SC70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal response without PCB (leaded). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |