Electronic Components Datasheet Search
  English  ▼

X  

LP4054B5F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # LP4054B5F
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP4054B5F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button LP4054B5F Datasheet HTML 6Page - List of Unclassifed Manufacturers LP4054B5F Datasheet HTML 7Page - List of Unclassifed Manufacturers LP4054B5F Datasheet HTML 8Page - List of Unclassifed Manufacturers LP4054B5F Datasheet HTML 9Page - List of Unclassifed Manufacturers LP4054B5F Datasheet HTML 10Page - List of Unclassifed Manufacturers LP4054B5F Datasheet HTML 11Page - List of Unclassifed Manufacturers LP4054B5F Datasheet HTML 12Page - List of Unclassifed Manufacturers LP4054B5F Datasheet HTML 13Page - List of Unclassifed Manufacturers LP4054B5F Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary
LP4054
LP4054-datasheet V1.0
Sep.-2006
13-13
transients.
Charge Current Soft-Start
The LP4054 includes a soft-start circuit to minimize the
inrush current at the start of a charge cycle. When a
charge cycle is initiated, the charge current ramps from
zero to the full-scale current over a period of
approximately 100µs. This has the effect of minimizing
the transient current load on the power supply during
start-up.
CHRG Status Output Pin
The CHRG pin can provide an indication that the input
voltage is greater than the undervoltage lockout
threshold
level.
A
weak
pull-down
current
of
approximately 12µA indicates that sufficient voltage is
applied to VCC to begin charging. When a discharged
battery is connected to the charger, the constant current
portion of the charge cycle begins and the CHRG pin
pulls to ground. The CHRG pin can sink up to 10mA to
drive an LED that indicates that a charge cycle is in
progress. When the battery is nearing full charge, the
charger enters the constant-voltage portion of the
charge cycle and the charge current begins to drop.
When the charge current drops below 1/10 of the
programmed current, the charge cycle ends and the
strong pull-down is replaced by the 12µA pull-down,
indicating that the charge cycle has ended. If the input
voltage is removed or drops below
the under voltage
lockout threshold, the CHRG pin becomes high
impedance. Figure 10 shows that by using two
different
value
pull-up
resistors,
a
micro-processor can detect all three states from
this pin.
To detect when the LP4054 is in charge mode, force the
digital output pin (OUT) high and measure the voltage
at the CHRG pin. The N-channel MOSFET will pull the
pin voltage low even with the 2k pull-up resistor. Once
the charge cycle terminates, the N-channel MOSFET is
turned off and a 12µA current source is connected to
the CHRG pin. The IN pin will then be pulled high by the
2k pull-up resistor. To determine if there is a weak
pull-down current, the OUT pin should be forced to a
high impedance state. The weak current source will pull
the IN pin low through the 800k resistor; if CHRG is high
impedance, the IN pin will be pulled high, indicating that
the part is in a UVLO state.
Reverse Polarity Input Voltage Protection
In some applications, protection from reverse polarity
voltage on VCC is desired .If the supply voltage is high
enough, a series blocking diode can be used. In other
cases, where the voltage drop must be kept low a
P-channel MOSFET can be used (as shown in Fig 11.)
USB and Wall Adapter Power
The LP4054 allows charging from both a wall adapter
and a USB port. Figure 12 shows an example of how to
combine wall adapter and USB power inputs. A
P-channel MOSFET, MP1,is used to prevent back
conducting into the USB port when a wall adapter is
present and a Schottky diode, D1, is used to prevent
USB power loss through the 1k pull-down resistor.
Typically a wall adapter can supply more current than
the 500mA-limited USB port. Therefore, an N-channel
MOSFET, MN1, and extra 10k program resistor are
used to increase the charge current to 600mA when the
wall adapter is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com