Electronic Components Datasheet Search
  English  ▼

X  

MCP9700AT-E/TT Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP9700AT-E/TT
Description  Low-Power Linear Active Thermistor ICs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700AT-E/TT Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP9700AT-E/TT Datasheet HTML 7Page - Microchip Technology MCP9700AT-E/TT Datasheet HTML 8Page - Microchip Technology MCP9700AT-E/TT Datasheet HTML 9Page - Microchip Technology MCP9700AT-E/TT Datasheet HTML 10Page - Microchip Technology MCP9700AT-E/TT Datasheet HTML 11Page - Microchip Technology MCP9700AT-E/TT Datasheet HTML 12Page - Microchip Technology MCP9700AT-E/TT Datasheet HTML 13Page - Microchip Technology MCP9700AT-E/TT Datasheet HTML 14Page - Microchip Technology MCP9700AT-E/TT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2005-2022 Microchip Technology Inc. and its subsidiaries
DS20001942J-page 11
MCP970X
4.2
Shutdown Using Microcontroller
I/O Pin
The 6 µA (typical) low operating current of the
MCP9700/9700A/9700B and MCP9701/9701A family
makes it ideal for battery-powered applications. How-
ever, for applications that require a tighter current bud-
get, this device can be powered using a microcontroller
Input/Output (I/O) pin. The I/O pin can be toggled to
shut down the device. In such applications, the micro-
controller internal digital switching noise is emitted to
the MCP9700/9700A/9700B and MCP9701/9701A as
power supply noise. However, this switching noise
compromises measurement accuracy, therefore a
decoupling capacitor and series resistor will be neces-
sary to filter out the system noise.
4.3
Layout Considerations
The MCP9700/9700A/9700B and MCP9701/9701A
family of sensors does not require any additional com-
ponents to operate. However, it is recommended that a
decoupling capacitor of 0.1 µF to 1 µF be used
between the VDD and GND pins. In high-noise applica-
tions, connect the power supply voltage to the VDD pin
using a 200
 resistor with a 1 µF decoupling capacitor.
A high frequency ceramic capacitor is recommended. It
is necessary that the capacitor is located as close as
possible to the VDD and GND pins in order to provide
effective noise protection. In addition, avoid tracing dig-
ital lines in close proximity to the sensor.
4.4
Thermal Considerations
The MCP9700/9700A/9700B and MCP9701/9701A
family measures temperature by monitoring the voltage
of a diode located in the die. A low-impedance thermal
path between the die and the PCB is provided by the
pins. Therefore, the sensor effectively monitors the
temperature of the PCB. However, the thermal path for
the ambient air is not as efficient because the plastic
device package functions as a thermal insulator from
the die. This limitation applies to plastic-packaged
silicon temperature sensors. If the application requires
the measurement of ambient air, the TO-92 package
should be considered.
The MCP9700/9700A/9700B and MCP9701/9701A
sensors are designed to source/sink 100 µA (max.).
The power dissipation due to the output current is
relatively insignificant. The effect of the output current
can be described by Equation 4-2.
EQUATION 4-2:
EFFECT OF SELF-
HEATING
At
TA = +25°C (VOUT = 0.75V) and maximum
specification
of
IDD =12µA,
VDD =5.5V
and
IOUT = +100 µA, the self-heating due to power
dissipation (TJ –TA) is 0.179°C.
TJ TA
–
JA VDDIDD
VDD VOUT
–

+
IOUT

=
Where:
TJ = Junction Temperature
TA = Ambient Temperature
JA = Package Thermal Resistance (331°C/W)
VOUT = Sensor Output Voltage
IOUT = Sensor Output Current
IDD = Operating Current
VDD = Operating Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com