| Electronic Components Datasheet Search |
|
MCP9700AT-E/TO Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9700AT-E/TO Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 22 page ![]() 2005-2016 Microchip Technology Inc. DS20001942G-page 9 MCP9700/9700A and MCP9701/9701A 4.2 Shutdown Using Microcontroller I/O Pin The 6 µA (typical) low operating current of the MCP9700/9700A and MCP9701/9701A family makes it ideal for battery-powered applications. However, for applications that require a tighter current budget, this device can be powered using a microcontroller Input/Output (I/O) pin. The I/O pin can be toggled to shut down the device. In such applications, the micro- controller internal digital switching noise is emitted to the MCP9700/9700A and MCP9701/9701A as power supply noise. However, this switching noise compro- mises measurement accuracy, therefore a decoupling capacitor and series resistor will be necessary to filter out the system noise. 4.3 Layout Considerations The MCP9700/9700A and MCP9701/9701A family of sensors does not require any additional components to operate. However, it is recommended that a decoupling capacitor of 0.1 µF to 1 µF be used between the VDD and GND pins. In high-noise applications, connect the power supply voltage to the VDD pin using a 200 resistor with a 1 µF decoupling capacitor. A high frequency ceramic capacitor is recommended. It is nec- essary that the capacitor is located as close as possible to the VDD and GND pins in order to provide effective noise protection. In addition, avoid tracing digital lines in close proximity to the sensor. 4.4 Thermal Considerations The MCP9700/9700A and MCP9701/9701A family measures temperature by monitoring the voltage of a diode located in the die. A low-impedance thermal path between the die and the PCB is provided by the pins. Therefore, the sensor effectively monitors the temperature of the PCB. However, the thermal path for the ambient air is not as efficient because the plastic device package functions as a thermal insulator from the die. This limitation applies to plastic-packaged silicon temperature sensors. If the application requires the measurement of ambient air, the TO-92 package should be considered. The MCP9700/9700A and MCP9701/9701A sensors are designed to source/sink 100 µA (max.). The power dissipation due to the output current is relatively insignificant. The effect of the output current can be described by Equation 4-2. EQUATION 4-2: EFFECT OF SELF-HEATING At TA =+25°C (VOUT = 0.75V) and maximum specification of IDD =12µA, VDD =5.5V and IOUT = +100 µA, the self-heating due to power dissipation (TJ –TA) is 0.179°C. T J T A – JA VDDIDD V DD V OUT – + I OUT = Where: TJ = Junction Temperature TA = Ambient Temperature JA = Package Thermal Resistance (331°C/W) VOUT = Sensor Output Voltage IOUT = Sensor Output Current IDD = Operating Current VDD = Operating Voltage |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |