Electronic Components Datasheet Search
  English  ▼

X  

2200SSD Datasheet(PDF) 2 Page - Micron Technology

Part # 2200SSD
Description  Blazing Meets Amazing : NVMe™ and PCIe® Speed for Client Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

2200SSD Datasheet(HTML) 2 Page - Micron Technology

  2200SSD Datasheet HTML 1Page - Micron Technology 2200SSD Datasheet HTML 2Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.8”
PCIe
M.2
NVMe
MICRON
® 2200 PCIe NVMe Client SSD
ADDITIONAL BENEFITS
Crunches, Saves, Deploys and Protects
Self-encrypting drive (SED) technology offers
reliable encryption for valuable mobile data-at-rest
without performance degradation. All encryption/
decryption utilizes an AES-256-bit XTS hardware
engine that complies with the TCG™ Opal 2.0
standards with no impact on performance.
Room to Grow
Moving from HDD to SSD for your client storage
provides your first performance boost. The Micron
2200 SSD also brings bandwidth, storage space and
headroom to your client platform. Max out your
potential, not your storage. With the Micron 2200,
you get more infrastructure, TCO and flexibility to
expand to meet the demanding client workloads you
have today, with room to position you for what may
come.
Micron 2200 SSD
OEMs, System Integrators and Value-Added Resellers
Category1
Corporate PCs and Notebooks
Model
Micron 2200 SSD
Form Factor
M.2 (22x80) S3
Interface
PCIe x4 Gen3, NVMe 1.2.1
Capacities
256GB
512GB
1TB
Seq Read (MB/s)2
Up to 3,000
Seq Write (MB/s)2
Up to 1,600
Random Read (IOPS)3
Up to 240K
Random Write (IOPS)3
Up to 210K
Endurance (TBW)
75TB
150TB
300TB
MTTF (Million Hours)
2
DEVSLP (mW)
<5
Idle Power (mW)
<300
Active Avg: <6,000
Advanced Features4
AES 256-bit encryption
Power-loss protection (data at rest)
Host-controlled thermal management
Dynamic write acceleration
RAIN
S.M.A.R.T.
Device self-test
Storage Executive management tool
Part Numbers
Standard Part SED
Capacity
Form Factor
MTFDHBA256TCK-1AS15ABYY
256GB
M.2
MTFDHBA512TCK-1AS15ABYY
512GB
M.2
MTFDHBA1T0TCK-1AT15ABYY
1TB
M.2
Standard Part Non-SED
Capacity
Form Factor
MTFDHBA256TCK-1AS1AABYY
256GB
M.2
MTFDHBA512TCK-1AS1AABYY
512GB
M.2
MTFDHBA1T0TCK-1AT1AABYY
1TB
M.2
SED = Self-Encrypting Drive
Micron 2200 M.2 SSD
micron.com/2200
©2019 Micron Technology, Inc. All rights reserved. Micron and the Micron logo are trademarks of
Micron Technology, Inc. All other trademarks are the property of their respective owners. Products are
warranted only to meet Micron’s production data sheet specifications. Products and specifications are
subject to change without notice. Dates are estimates only. Rev. B 01/19 CCM004-676576390-11186
1. Capacities: Unformatted. 1GB = 1 billion bytes. Formatted capacity is less.
2. Sequential Read/Write: 128KB transfer size, fresh-out-of-box (FOB).
3. Random Read/Write: 4KB transfer size, fresh-out-of-box (FOB).
4. Advanced Features: No hardware, software or system can provide absolute security
under all conditions. Micron assumes no liability for lost, stolen or corrupted data arising
from the use of any Micron products, including those products that incorporate any of the
mentioned security features



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com