Electronic Components Datasheet Search
  English  ▼

X  

AMW006 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # AMW006
Description  This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW006 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button AMW006 Datasheet HTML 4Page - Silicon Laboratories AMW006 Datasheet HTML 5Page - Silicon Laboratories AMW006 Datasheet HTML 6Page - Silicon Laboratories AMW006 Datasheet HTML 7Page - Silicon Laboratories AMW006 Datasheet HTML 8Page - Silicon Laboratories AMW006 Datasheet HTML 9Page - Silicon Laboratories AMW006 Datasheet HTML 10Page - Silicon Laboratories AMW006 Datasheet HTML 11Page - Silicon Laboratories AMW006 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Block Diagram
ADS-MWx06-111R AMWx06 Datasheet
Page |2
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
2 Block Diagram
Figure 1 is a block diagram of the AMWx06 module. The
main components of the module are a microprocessor
and CYW43362 Wi-Fi System-on-Chip (SoC). The
processor and peripherals are driven by a 26MHz
crystal. The integrated real-time clock (RTC) is driven by
a 32.768kHz crystal. An on-board 1MByte serial flash
chip may be used to store user data and configuration,
additional applications, and firmware images as part of
the Zentri secure over the air (OTA) update process.
The WLAN subsystem is controlled by ZentriOS enabling
the module to achieve minimum power consumption
when the Wi-Fi networking interface is not required.
The module includes an antenna diversity switch. The
switch enables static or dynamic control of the external
antenna(s).
Figure 1. AMW006 / AMW106 Architecture
Antenna
Switch
VBAT
3v3 MCU
3v3 Wi-Fi
32kHz Out
ADC
PWM
UART
SPI
GPIO
Reset
ARM
Cortex M4
26MHz
32kHz
1 MByte
Serial Flash
AMW006 / AMW106
Antenna 1
Antenna 2
CYW43362
Wi-Fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com