Electronic Components Datasheet Search
  English  ▼

X  

AMW036 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # AMW036
Description  This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW036 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button AMW036 Datasheet HTML 9Page - Silicon Laboratories AMW036 Datasheet HTML 10Page - Silicon Laboratories AMW036 Datasheet HTML 11Page - Silicon Laboratories AMW036 Datasheet HTML 12Page - Silicon Laboratories AMW036 Datasheet HTML 13Page - Silicon Laboratories AMW036 Datasheet HTML 14Page - Silicon Laboratories AMW036 Datasheet HTML 15Page - Silicon Laboratories AMW036 Datasheet HTML 16Page - Silicon Laboratories AMW036 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Pinout and Signal Descriptions
ADS-MWx36-102R • AMWx36 Datasheet
Page |8
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
Pin
Name
Type1
Primary Function
Alternate & Other Function(s)
6
GPIO_2
I/O
GPIO
SPI1_SCK (S)
7
GPIO_3
I/O
GPIO
SPI1_CS (S)
8
GPIO_4
I/O
GPIO
-
9
OSC_32K_OUT
O
OSC_32K_OUT
-
10
VDD_3V3
I/O
3.3V MCU supply
11-12
GND
S
Ground
-
13
GPIO_5
I/O
GPIO
SPI1_MOSI (slave), PWM5
14
GPIO_6
I/O
SPI0_MISO (M) 4
ADC6 (when SPI not in use).
Not available for digital I/O.
15
GPIO_7
I/O
SPI0_SCK (M) 4
ADC5 (when SPI not in use).
Not available for digital I/O.
16
GPIO_8
I/O
SPI0_MOSI (M) 4
ADC7 (when SPI not in use).
Not available for digital I/O.
17
GPIO_9
I/O
GPIO
UART0_RTS
18
GPIO_10
I/O
GPIO
UART0_CTS, PWM0
19
GPIO_11
I/O
UART0_RX
GPIO, PWM0
20
GPIO_12
I/O
UART0_TX
GPIO, PWM0
21
GPIO_13
I/O
GPIO
PWM1
22
GPIO_14
I/O
GPIO
PWM3, I2C_SCL
23
GPIO_15
I/O
GPIO
PWM3, I2C_SDA
24
GPIO_16
I/O
GPIO
PWM6
25
GPIO_17
I/O
GPIO
UART1_RX, ADC3, PWM4
26-27
GND
I/O
Ground
-
28
GPIO_18
I/O
GPIO
-
29
GPIO_19
I/O
GPIO
UART1_TX, ADC2, PWM4
30
GPIO_20
I/O
GPIO
ADC9, PWM2
31
GPIO_21
I/O
GPIO
ADC8, PWM2
32
GPIO_22
I/O
GPIO
UART1_CTS, WAKE, ADC0, PWM1
33
GPIO_23
I/O
GPIO
UART1_RTS, ADC1, PWM4
34
RESET_N
I
System Reset3
35
VDD_WIFI
S
3.3V WLAN supply
-
36-52
GND
S
Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com