Electronic Components Datasheet Search
  English  ▼

X  

SI7210 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI7210
Description  Si7210 I2C Hall Effect Magnetic Position and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7210 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI7210 Datasheet HTML 1Page - Silicon Laboratories SI7210 Datasheet HTML 2Page - Silicon Laboratories SI7210 Datasheet HTML 3Page - Silicon Laboratories SI7210 Datasheet HTML 4Page - Silicon Laboratories SI7210 Datasheet HTML 5Page - Silicon Laboratories SI7210 Datasheet HTML 6Page - Silicon Laboratories SI7210 Datasheet HTML 7Page - Silicon Laboratories SI7210 Datasheet HTML 8Page - Silicon Laboratories SI7210 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Parameter
Symbol Test Condition
Min
Typ
Max
Unit
Sleep Time
TSLEEP Factory configurable from 1 to 200
msec ±20%
-
Idle Time1
TIDLE
slTime = 0x01
slFast = 1
11.9
13.2
14.5
µs
slTime = 0xFF
slFast = 0
185
206
227
msec
Wake Up Time
TWAKE
Time from VDD > 1.7 V to first
measurement
1
msec
Note:
1. Part can go to either idle more or sleep mode between conversions. If part is in idle mode with slTime = 0x00 and slFast = 1
conversion are continuous at 8.8 μsec interval.
Table 1.3. Output Pin Specifications
Parameter
Symbol Test Condition
Min
Typ
Max
Unit
Output Voltage Low
Output Pin Open Drain or Push
Pull
VOL
IOL = 3 mA
VDD > 2 V
0.4
V
IOL = 2 mA
VDD > 1.7 V
0.2
V
IOL = 6 mA
VDD > 2 V
0.6
V
Leakage
Output high
Output Pin Open Drain
IOH
1
µA
Output Voltage High
Output Pin Push Pull
VOH
IOH = 2 mA
VDD >2.25 V
VDD – 0.4
V
Slew Rate
Digital Output Mode
T
SLEW
5
%VDD/ns
Si7210 I2C Hall Effect Magnetic Position and Temperature Sensor Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com