Electronic Components Datasheet Search
  English  ▼

X  

WF200D Datasheet(PDF) 21 Page - Silicon Laboratories

Part # WF200D
Description  Wi-Fi® Network Co-Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

WF200D Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button WF200D Datasheet HTML 17Page - Silicon Laboratories WF200D Datasheet HTML 18Page - Silicon Laboratories WF200D Datasheet HTML 19Page - Silicon Laboratories WF200D Datasheet HTML 20Page - Silicon Laboratories WF200D Datasheet HTML 21Page - Silicon Laboratories WF200D Datasheet HTML 22Page - Silicon Laboratories WF200D Datasheet HTML 23Page - Silicon Laboratories WF200D Datasheet HTML 24Page - Silicon Laboratories WF200D Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
4.8.2 SDIO Specification
Figure 4.2. SDIO Interface Timing Parameters
Table 4.13. SDIO Interface Timing Specifications
Symbol
Description
Min
Typ
Max
Unit
Conditions
tCLK_HS
Clock period in high speed
mode
19.23
ns
CL ≤ 20pF
tCLK_DS
Clock period in default speed
mode
38.46
ns
CL ≤ 20pF
tCLK_LO
Clock low time
9
ns
CL≤ 20pF
tCLK_HI
Clock high time
9
ns
CL≤ 20pF
CMD, DAT0~3 Inputs (with reference to SDIO_CLK)
tSU
Input Set time
3
ns
CL≤ 20pF
tHD
Input Hold time
3
ns
CL≤ 20pF
CMD, DAT0~3 Outputs (with reference to SDIO_CLK)
tODLY_CLKr,
tODLY_CLKf
Output delay time (relative to
rising and falling edge) for VDD
= 3.3V
11
ns
VDDIO = 3.3V;
CL≤ 20pF
Output delay time (relative to
rising and falling edge) for VDD
= 1.8V
22
ns
VDDIO = 1.8V;
CL≤ 20pF
tOH
Output Hold time
3
ns
CL≤ 20pF
1. Output data can be latched either on rising edge (HS mode) or falling edge (DS mode) of CLK
2. All timing parameters valid for output load of up to 2 mA
WF200 Data Sheet: Wi-Fi® Network Co-Processor
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.1 | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com