Electronic Components Datasheet Search
  English  ▼

X  

AS1803 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS1803
Description  SILCOTHERM 1 Part RTV silicone adhesive sealant paste non corrosive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS1803 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS1803 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Property
Test Method
Value
Uncured product
Appearance
White soft paste
Cure Type
Acetone
FDA
CFR (21] 177.2600
No
Max Cure Hrs @ 25 °C
8 hrs
Rheology
Self Level
Self Bonding
Yes
Tack Free Time mins
<2 mins
Viscosity A-Part mPas
Brookfield
350000 mPas
Cured product
After 7 days cure at 23°+/-2°C and 50+/-5% humidity
CTE Linear ppm/°C
198 ppm/°C
CTE Volumetric ppm/°C
475 ppm/°C
Colour
White
Duro Shore A
ASTM D 2240-95
65
Elongation %
ISO 37
94 %
Linear Shrinkage %
0.5 %
Max Working Temp +°C
AFS_1540B
220 °C
Min Working Temp - °C
-50 °C
SG
BS ISO 2781
2.24
Tensile MPa
ISO 37
2.8 MPa
Thermal Conductivity W/mK
1.55 W/mK
UL 94V-0
No
Storage
Max storage temperature °C
40 °C
Shelf life
9 mths
Electrical properties
Dielectric Constant @ 1kHz ASTM D-150
4.9
Dielectric Strength kV/mm
ASTM D-149
20 kV/mm
Dissipation Factor @ 1kHz
ASTM D-150
0.009
Volume Resistivity ohms cm ASTM D-257
1E+14 ohms cm
Adhesion testing
Lap Shear Aluminium kg/cm² ASTM D1002
6 kg/cm²
Lap Shear Copper kg/cm²
ASTM D1002
3 kg/cm²
Lap Shear Stainless Steel
304 kg/cm²
ASTM D1002
2.6 kg/cm²
AS1803
SILCOTHERM 1 Part RTV silicone adhesive sealant paste non corrosive
Introduction
This is a non-corrosive, neutral cure, 1-part, RTV (Room
Temperature Vulcanising) silicone adhesive sealant. It is one in a
range of Acetone cure products which are solvent free. It exhibits
excellent primerless adhesion to many substrates and cures
rapidly at room temperature when in contact with atmospheric
moisture to form a tough rubber. This product will not corrode
copper or its alloys and is suitable for use with electronic
components.
Key Features
Good thermal conductivity
Non-corrosive
Fast skinning
UL certified file number E334038
Use and Cure Information
This product is a ready for use 1 Part system. If supplied in
cartridges it can be applied using either manual or pneumatic
dispensing guns. It can also be applied from bulk containers using
conventional drum dispensing equipment.
All surfaces to which the sealant is to be applied should be clean,
dry and free from grease, dirt, and loose material. Priming of
surfaces is not normally required. If using as an adhesive, it
should be applied to one clean surface and the other clean
surface brought into contact with it within the tack free time stated
opposite. For optimum bond strength, the thickness of the sealant
joint should be a minimum of 1 mm.
The sealant will cure upon exposure to atmospheric moisture,
ideally between 20 to 30 ºC and 40% to 70% Relative Humidity.
Time taken for cure will depend on the thickness of the joint,
humidity and temperature. Joints should be left undisturbed for at
least 24 hours, but preferably longer to effect sufficient depth of
cure. Full cure requires 7 days.
“For pneumatic dispensing of 310 ml cartridges, the
recommended pressure is 2.25 to 3.45 bar (40 to 50 psi).
Dispensing pressure above the recommended limits may lead to
gas bypassing the piston, causing spluttering at the nozzle and
poor bead quality”
Health and Safety
Safety Data Sheets available on request.
Packaging
CHT Adhesives are available in a variety of packaging including
cartridges and bulk containers. Please contact our sales
department for more information.
Revision Date : 09/09/2019
Download Date : 25/11/2019
Technical Data Sheet
The information and recommendations in this publication are to the best of our knowledge reliable. However, nothing herein is to be construed as warranty or
representation. Users should make their own test to determine the applicability of such information or the suitability of any products for their own particular
purposes. Statements concerning the user of the products described herein are not to be construed as recommending the infringement of any patent and no liability
for infringement arising out of any such use is to be assumed. All values are typical and should not be accepted as a specification
CHT UK Bridgwater LTD, Registered Office: Showground Road. Bridgwater. Somerset.
TA6 6AJ. UK Registered No 01185365
Tel: +44 (0)1278 411400, Email: info.uk@cht.com, Web: www.acc-silicones.com


Similar Part No. - AS1803

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
AS180-10-270E25 MOTIONKING-AS180-10-270E25 Datasheet
164Kb / 3P
AC Servo Motors
AS180-15-172E25 MOTIONKING-AS180-15-172E25 Datasheet
164Kb / 3P
AC Servo Motors
AS180-15-190E25 MOTIONKING-AS180-15-190E25 Datasheet
164Kb / 3P
AC Servo Motors
AS180-20-215E25 MOTIONKING-AS180-20-215E25 Datasheet
164Kb / 3P
AC Servo Motors
More results

Similar Description - AS1803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17150 ETC2-17150 Datasheet
93Kb / 4P
SILITE SILICONE RTV-CLEAR
RTV106-85ML ETC2-RTV106-85ML Datasheet
106Kb / 2P
1-Part Adhesive Sealant RTV106
logo
Lumins Inc.
NT625R LUMINIS-NT625R Datasheet
820Kb / 2P
Wall recessed non corrosive housing
NT640R LUMINIS-NT640R Datasheet
594Kb / 2P
Wall recessed non corrosive housing
logo
List of Unclassifed Man...
LB-SA-1000 ETC2-LB-SA-1000 Datasheet
409Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-1800 ETC2-LB-SA-1800 Datasheet
384Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-2000 ETC2-LB-SA-2000 Datasheet
484Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-3505 ETC2-LB-SA-3505 Datasheet
483Kb / 2P
Thermally Conductive,Two-Part,Liquid Silicone Adhesive
logo
3M Electronics
740UV 3M-740UV Datasheet
499Kb / 5P
3M??SMP Adhesive Sealant 740UV
5200 3M-5200 Datasheet
49Kb / 5P
Marine Adhesive/Sealant Fast Cure 5200
Feb-2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com