Electronic Components Datasheet Search
  English  ▼

X  

SVC236 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC236
Description  Varactor Diode for FM Receiver Electronic Tuning Use
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC236 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC236 Datasheet HTML 1Page - Sanyo Semicon Device SVC236 Datasheet HTML 2Page - Sanyo Semicon Device SVC236 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC236
No.6800-1/3
Features
•
Low voltage (6.5V).
•
Twin type varactor diode with good large-signal
characteristics for FM receiver electronic tuning use.
•
Very small package permits SVC236-applied sets to
be compact and slim.
•
Can be also provieded in tape reel package and
automatic insertion is supported.
•
High capacitance ratio (VR=1.0 to 6.5V).
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Voltage
IR
VR=10V
50
nA
C1V
VR=1.0V, f=1MHz
5
92.07
102.12
pF
Interterminal Capacitance
*
C3.0V
VR=3.0V, f=1MHz
35.14
41.98
pF
C6.5V
VR=6.5V, f=1MHz
14.44
16.84
pF
Quality Factor
Q
VR=3.0V, f=100MHz
70
Capacitance Ratio
CR
C1.0V / C6.5V
5.0
Matching Tolerance
∆Cm
VR=1.0V, 3.0, 6.5, f=1MHz (Cmax-Cmin) / Cmin!100
3.0
%
Note)* : Capacitance value per each diode.
5 : 1MHz signal : 20mVnms
Marking : ZV
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6800
SVC236
Package Dimensions
unit : mm
1169A
[SVC236]
31901 GI IM TA-3095
1 : Anode
2 : Anode
3 : Cathode
SANYO : CP
0.4
0.95 0.95
1.9
2.9
0.16
0 to 0.1
2
3
1
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
12
3
1 : Anode
2 : Anode
3 : Cathode
(Top view)
Diffused Junction Type Silicon Diode
Varactor Diode for
FM Receiver Electronic Tuning Use


Similar Part No. - SVC236

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC236 SANYO-SVC236 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
logo
ON Semiconductor
SVC236 ONSEMI-SVC236 Datasheet
282Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC236-TB-E ONSEMI-SVC236-TB-E Datasheet
282Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
More results

Similar Description - SVC236

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC221 SANYO-SVC221 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC222 SANYO-SVC222 Datasheet
19Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC234 SANYO-SVC234 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC341 SANYO-SVC341 Datasheet
46Kb / 3P
Varactor Diode for Receiver Electronic Tuning Use
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC237 SANYO-SVC237 Datasheet
22Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com