Electronic Components Datasheet Search
  English  ▼

X  

ADM1064ASU Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1064ASU
Description  Super Sequencer with Voltage Readback ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1064ASU Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1064ASU Datasheet HTML 2Page - Analog Devices ADM1064ASU Datasheet HTML 3Page - Analog Devices ADM1064ASU Datasheet HTML 4Page - Analog Devices ADM1064ASU Datasheet HTML 5Page - Analog Devices ADM1064ASU Datasheet HTML 6Page - Analog Devices ADM1064ASU Datasheet HTML 7Page - Analog Devices ADM1064ASU Datasheet HTML 8Page - Analog Devices ADM1064ASU Datasheet HTML 9Page - Analog Devices ADM1064ASU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADM1064
Rev. 0 | Page 6 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS TIMING
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
4.7
µs
Start Setup Time, tSU;STA
4.7
µs
Start Hold Time, tHD;STA
4
µs
SCL Low Time, tLOW
4.7
µs
SCL High Time, tHIGH
4
µs
SCL, SDA Rise Time, tr
1000
µs
SCL, SDA Fall Time, tf
300
µs
Data Setup Time, tSU;DAT
250
ns
Data Hold Time, tHD;DAT
5
ns
Input Low Current, IIL
1
µA
VIN = 0
SEQUENCING ENGINE TIMING
State Change Time
10
µs
1 At least one of the VH, VP1-4 pins must be
≥ 3.0 V to maintain the device supply on VDDCAP.
2 Specification is not production tested, but is supported by characterization data at initial product release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com