Electronic Components Datasheet Search
  English  ▼

X  

LM27965 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27965
Description  Dual Display White LED Driver with I2C Compatible Brightness Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27965 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM27965 Datasheet HTML 4Page - National Semiconductor (TI) LM27965 Datasheet HTML 5Page - National Semiconductor (TI) LM27965 Datasheet HTML 6Page - National Semiconductor (TI) LM27965 Datasheet HTML 7Page - National Semiconductor (TI) LM27965 Datasheet HTML 8Page - National Semiconductor (TI) LM27965 Datasheet HTML 9Page - National Semiconductor (TI) LM27965 Datasheet HTML 10Page - National Semiconductor (TI) LM27965 Datasheet HTML 11Page - National Semiconductor (TI) LM27965 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Circuit Description (Continued)
will operate in pass mode, allowing the P
OUT voltage to track
the input voltage. As the input voltage drops, the voltage on
the DXX pins will also drop (V
DXX =VPOUT –VLEDx). Once
any of the active Dxx pins reaches a voltage approximately
equal to 175mV, the charge pump will switch to the gain of
3/2. This switch-over ensures that the current through the
LEDs never becomes pinched off due to a lack of headroom
across the current sinks.
Only active Dxx pins will be monitored. For example, if only
BankA is enabled, the LEDs in BankB will not affect the gain
transition point. If both banks are enabled, all diodes will be
monitored, and the gain transition will be based upon the
diode with the highest forward voltage. Diode pins D5A and
D3B can have the diode sensing circuity disabled through
the general purpose register if those drivers are not going to
be used.
BankC (D1C) is not a monitored LED current sink.
RESETPin
The LM27965 has a hardware reset pin (RESET) that allows
the device to be disabled by an external controller without
requiring an I
2C write command. Under normal operation,
the RESET pin should be held high (logic ’1’) to prevent an
unwanted reset. When the RESET is driven low (logic ’0’), all
internal control registers reset to the default states and the
part becomes disabled. Please see the Electrical Character-
istics section of the datasheet for required voltage thresh-
olds.
I
2C Compatible Interface
DATA VALIDITY
The data on SDIO line must be stable during the HIGH
period of the clock signal (SCL). In other words, state of the
data line can only be changed when CLK is LOW.
A pull-up resistor between VIO and SDIO must be greater
than [ (VIO-V
OL) / 3mA] to meet the VOL requirement on
SDIO. Using a larger pull-up resistor results in lower switch-
ing current with slower edges, while using a smaller pull-up
results in higher switching currents with faster edges.
START AND STOP CONDITIONS
START and STOP conditions classify the beginning and the
end of the I
2C session. A START condition is defined as
SDIO signal transitioning from HIGH to LOW while SCL line
is HIGH. A STOP condition is defined as the SDIO transition-
ing from LOW to HIGH while SCL is HIGH. The I
2C master
always generates START and STOP conditions. The I
2C bus
is considered to be busy after a START condition and free
after a STOP condition. During data transmission, the I
2C
master can generate repeated START conditions. First
START and repeated START conditions are equivalent,
function-wise.
TRANSFERING DATA
Every byte put on the SDIO line must be eight bits long, with
the most significant bit (MSB) transferred first. Each byte of
data has to be followed by an acknowledge bit. The acknowl-
edge related clock pulse is generated by the master. The
master releases the SDIO line (HIGH) during the acknowl-
edge clock pulse. The LM27965 pulls down the SDIO line
during the 9th clock pulse, signifying an acknowledge. The
LM27965 generates an acknowledge after each byte is re-
ceived.
After the START condition, the I
2C master sends a chip
address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM27965
address is 36h. For the eighth bit, a “0” indicates a WRITE
and a “1” indicates a READ. The second byte selects the
register to which the data will be written. The third byte
contains data to write to the selected register.
20155025
FIGURE 1. Data Validity Diagram
20155011
FIGURE 2. Start and Stop Conditions
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com