Electronic Components Datasheet Search
  English  ▼

X  

LTC2292IUP Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2292IUP
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2292IUP Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2292IUP Datasheet HTML 20Page - Linear Technology LTC2292IUP Datasheet HTML 21Page - Linear Technology LTC2292IUP Datasheet HTML 22Page - Linear Technology LTC2292IUP Datasheet HTML 23Page - Linear Technology LTC2292IUP Datasheet HTML 24Page - Linear Technology LTC2292IUP Datasheet HTML 25Page - Linear Technology LTC2292IUP Datasheet HTML 26Page - Linear Technology LTC2292IUP Datasheet HTML 27Page - Linear Technology LTC2292IUP Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC2293/LTC2292/LTC2291
28
229321f
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1403A/LTC1403
14-Bit/12-Bit 2.8Msps Serial ADC
3V, 14mW, Differential Input, MSOP Package
LTC1407A/LTC1407
14-Bit/12-Bit 3Msps, Simultaneous Sampling Serial ADC
3V, 14mW, 2-Ch. Differential Input, MSOP Package
LTC1749
12-Bit, 80Msps Wideband ADC
Up to 500MHz IF Undersampling, 87dB SFDR
LTC1750
14-Bit, 80Msps Wideband ADC
Up to 500MHz IF Undersampling, 90dB SFDR
LTC2225
12-Bit, 10Msps ADC
60mW, 71dB SNR, 5mm × 5mm QFN
LTC2226
12-Bit, 25Msps ADC
75mW, 71dB SNR, 5mm × 5mm QFN
LTC2227
12-Bit, 40Msps ADC
125mW, 71dB SNR, 5mm × 5mm QFN
LTC2228
12-Bit, 65Msps ADC
205mW, 71dB SNR, 5mm × 5mm QFN
LTC2229
12-Bit, 80Msps ADC
211mW, 70.6dB SNR, 5mm × 5mm QFN
LTC2236
10-Bit, 25Msps ADC
75mW, 61dB SNR, 5mm × 5mm QFN
LTC2237
10-Bit, 40Msps ADC
125mW, 61dB SNR, 5mm × 5mm QFN
LTC2238
10-Bit, 65Msps ADC
205mW, 61dB SNR, 5mm × 5mm QFN
LTC2239
10-Bit, 80Msps ADC
211mW, 61dB SNR, 5mm × 5mm QFN
LTC2245
14-Bit, 10Msps ADC
60mW, 74.4dB SNR, 5mm × 5mm QFN
LTC2246
14-Bit, 25Msps ADC
75mW, 74dB SNR, 5mm × 5mm QFN
LTC2247
14-Bit, 40Msps ADC
125mW, 74dB SNR, 5mm × 5mm QFN
LTC2248
14-Bit, 65Msps ADC
205mW, 74dB SNR, 5mm × 5mm QFN
LTC2249
14-Bit, 80Msps ADC
222mW, 73dB SNR, 5mm × 5mm QFN
LTC2286
Dual 10-Bit, 25Msps ADC
150mW, 61dB SNR, 9mm × 9mm QFN
LTC2287
Dual 10-Bit, 40Msps ADC
235mW, 61dB SNR, 9mm × 9mm QFN
LTC2288
Dual 10-Bit, 65Msps ADC
400mW, 61dB SNR, 9mm × 9mm QFN
LTC2289
Dual 10-Bit, 80Msps ADC
445mW, 61dB SNR, 9mm × 9mm QFN
LTC2290
Dual 12-Bit, 10Msps ADC
120mW, 71dB SNR, 9mm × 9mm QFN
LTC2294
Dual 12-Bit, 80Msps ADC
445mW, 70.6dB SNR, 9mm × 9mm QFN
LTC2295
Dual 14-Bit, 10Msps ADC
120mW, 74.4dB SNR, 9mm × 9mm QFN
LTC2296
Dual 14-Bit, 25Msps ADC
150mW, 74dB SNR, 9mm × 9mm QFN
LTC2297
Dual 14-Bit, 40Msps ADC
235mW, 74dB SNR, 9mm × 9mm QFN
LTC2298
Dual 14-Bit, 65Msps ADC
400mW, 74dB SNR, 9mm × 9mm QFN
LTC2299
Dual 14-Bit, 80Msps ADC
445mW, 73dB SNR, 9mm × 9mm QFN
LT5512
DC-3GHz High Signal Level Downconverting Mixer
DC to 3GHz, 21dBm IIP3, Integrated LO Buffer
LT5514
Ultralow Distortion IF Amplifier/ADC Driver
450MHz 1dB BW, 47dB OIP3, Digital Gain
with Digitally Controlled Gain
Control 10.5dB to 33dB in 1.5dB/Step
LT5515
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
20dBm IIP3, Integrated LO Quadrature Generator
LT5516
0.8GHz to 1.5GHz Direct Conversion Quadrature Demodulator
21.5dBm IIP3, Integrated LO Quadrature Generator
LT5517
40MHz to 900MHz Direct Conversion Quadrature Demodulator
21dBm IIP3, Integrated LO Quadrature Generator
LT5522
600MHz to 2.7GHz High Linearity Downconverting Mixer
4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz, NF = 12.5dB,
50Ω Single Ended RF and LO Ports
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 1204 1K • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com