Electronic Components Datasheet Search
  English  ▼

X  

TMS320C203PZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C203PZ
Description  DIGITAL SIGNAL PROCESSORS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C203PZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C203PZ Datasheet HTML 9Page - Texas Instruments TMS320C203PZ Datasheet HTML 10Page - Texas Instruments TMS320C203PZ Datasheet HTML 11Page - Texas Instruments TMS320C203PZ Datasheet HTML 12Page - Texas Instruments TMS320C203PZ Datasheet HTML 13Page - Texas Instruments TMS320C203PZ Datasheet HTML 14Page - Texas Instruments TMS320C203PZ Datasheet HTML 15Page - Texas Instruments TMS320C203PZ Datasheet HTML 16Page - Texas Instruments TMS320C203PZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
TMS320C203, TMS320C209, TMS320LC203
DIGITAL SIGNAL PROCESSORS
SPRS025B – JUNE 1995 – REVISED AUGUST 1998
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
architectural overview
The ’C2xx advanced Harvard-type architecture maximizes the processing power by maintaining two separate
memory bus structures—program and data—for full-speed execution. This multiple bus structure allows both
data and instructions to be read simultaneously. Instructions to be read support data transfers between the two
spaces. This architecture permits coefficients that are stored in program memory to be read in RAM, thereby,
eliminating the need for a separate coefficient ROM. This, coupled with a four-deep pipeline, allows the
TMS320C2xx to execute most instructions in a single cycle.
status and control registers
Two status registers, ST0 and ST1, contain the status of various conditions and modes. These registers can
be stored in data memory and loaded from data memory, thereby, allowing the status of the machine to be saved
and restored for subroutines.
The load-status-register instruction (LST) is used to write to ST0 and ST1. The store-status-register instruction
(SST) is used to read from ST0 and ST1, except for the INTM bit, which is not affected by the LST instruction.
The individual bits of these registers can be set or cleared when using the SETC and CLRC instructions. Table 4
and Table 5 show the organization of status registers ST0 and ST1, indicating all status bits contained in each.
Several bits in the status registers are reserved and read as logic 1s. Refer to Table 6 for the status register field
definitions.
Table 4. Status and Control Register Zero
15
13
12
11
10
98
76
54
32
10
ST0
ARP
OV
OVM
1
INTM
DP
Table 5. Status and Control Register One
15
13
12
11
10
98
76
54
32
10
ST1
ARB
CNF
TC
SXM
C
1
1
1
1
XF
1
1
PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com