Electronic Components Datasheet Search
  English  ▼

X  

T91 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # T91
Description  Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

T91 Datasheet(HTML) 1 Page - DB Lectro Inc

  T91 Datasheet HTML 1Page - DB Lectro Inc T91 Datasheet HTML 2Page - DB Lectro Inc T91 Datasheet HTML 3Page - DB Lectro Inc T91 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(NT90T
2)
Features
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
reliability, long life.
Suitable for automobile, machine, electronic equipment, air conditioner and household appliance applications.
PC board mounting and direct insert mounting available.
Ordering Information
NT90T H L A S DC12V C B 0.9
1
2
3
4
5
6
7
8
9
1 Part number:NT90T、NT90T
2
2 Load:H:30A;N:40A
3 High:NIL: Standard;L: Low profile type
4 Contact arrangement:A:1A;B:1B;C:1C
5 Enclosure:S: Sealed type;D: Dust cover;
E: Covered;O: Open type
6 Coil rated Voltage(V):AC:12,24,110,120,220
DC:3,5,6,9,12,15,18,24,48,110
7 Contact material:C: Ag CdO;S: Ag SnO
2
8 Resist heat class:B:130℃
F:155℃
9 Coil power consumption:0.6:0.6W;0.9:0.9W
NIL:2VA
Contact Data
Contact Arrangement
1A
SPSTBNO
f1B SPSTNC f1C SPDT(B-M)
Contact Material
Ag CdO
Ag SnO
2
Ag SnO
2 In2O3
Contact Rating (resistive)
NO:30A/240VAC,14VDC;NC:20A/240VAC ;30A/14VDC
NO:40A/250VAC,30VDC;NC:30A/250VAC,30VDC (0.9W)
Motor load:2HP 250VAC ;1.5HP 250V
Lamp load:TV-5
Max. Switching Power
1100W
7200VA
Max. Switching Voltage
110VDC
250VAC
Max. Switching Current:40A
Contact Resistance or Voltage drop
30m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
AC Coil Parameter
RATED VOLTAGE
VAC
DASH
NUMBERS
RATED
Max
COIL
RESISTANCE
±10%
PICK UP
VOLTAGE
VAC(max)
(75%of
rated
voltage)
RELEASE
VOLTAGE
VAC(min)
(30%of
rated
voltage)
COIL
POWER
Operate
Time
ms
Release
Time
ms
012AC
12
15.6
27
9.0
3.6
024AC
24
31.2
120
18.0
7.2
110AC
110
143
2360
82.5
33.0
120AC
120
156
3040
90.0
36.0
220AC
220
286
13490
165.0
66.0
2VA
_
_
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
NT90T (T91)
32.4
×27.5×28.0
32.4
×27.5×20
NT90T (T91)
E160644
E233737
R2033977.06
Patent No. 99312549.2
CH050401—2000
E9930952E01
www.dblectro.com


Similar Part No. - T91

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
T911.45 ELMOS-T911.45 Datasheet
115Kb / 1P
Ripple detection IC
logo
List of Unclassifed Man...
T912 ETC-T912 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
T912-A100K-010-02 ETC-T912-A100K-010-02 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
logo
RHOPOINT COMPONENTS
T912-A100K-010-02 RHOPOINT-T912-A100K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
List of Unclassifed Man...
T912-A100K-010-05 ETC-T912-A100K-010-05 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
More results

Similar Description - T91

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NT90TP DBLECTRO-NT90TP Datasheet
178Kb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90 DBLECTRO-NT90 Datasheet
335Kb / 3P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT73-2 DBLECTRO-NT73-2 Datasheet
300Kb / 2P
Small size, light weight, heavy reverse power. / Low coil power consumption.
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
JMX-94F DBLECTRO-JMX-94F_05 Datasheet
2Mb / 3P
Well anti-shock and anti-vibration
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
Small size, light weight .Low coil power consumption
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90T-B HUAXINAN-NT90T-B Datasheet
1Mb / 3P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com