Electronic Components Datasheet Search
  English  ▼

X  

IL485W Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL485W
Description  Isolated RS485 Interface with Handshake
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL485W Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL485W Datasheet HTML 1Page - List of Unclassifed Manufacturers IL485W Datasheet HTML 2Page - List of Unclassifed Manufacturers IL485W Datasheet HTML 3Page - List of Unclassifed Manufacturers IL485W Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rhopoint Components Ltd
Tel: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Germany: +49 (0) 692 199 8606
Fax: +49 (0) 692 199 8595
Email: sales@rhopointcomponents.com
Website: www.rhopointcomponents.com
PARAMETERS
SYMBOL
MIN.
TYP. (5)
MAX.
UNITS
TEST CONDITIONS
Input Clamp Voltage
VIK
-1.5
V
IL = -18mA
Output Voltage
VO
0
6
V
IO = 0
Differential Output Voltage
|VOD1|
1.5
6
V
IO = 0
Differential Output Voltage (6)
|VOD2|
1.5
2.5
5
V
RL = 54Ω
Differential Output Voltage
VOD3
1.5
5
V
Vtest = -7 to 12V
Change in Magnitude of (7)
Differential Output Voltage
∆
|VOD|
±0.2
V
RL = 54 or 100Ω
Common Mode Output Voltage
VOC
3
V
RL = 54 or 100Ω
-1
Change in Magnitude of (7)
Common Mode Output Voltage
∆
|VOC|
±0.2
V
RL = 54 or 100Ω
Output Current (4)
1
mA
Output Disabled VO = 12
IO
-0.8
mA
VO = -7
High Level Input Current
IIH
10
µA
VI = 3.5V
Low Level Input Current
IIL
-10
µA
VI = 0.4V
Short-Circuit Output Current
-250
mA
VO = -6
-150
mA
VO = 0
IOS
250
mA
VO = 8
Supply Current
(VDD2 = +5V)
IDD2
27
34
mA
No Load (Outputs Enabled)
(VDD1 = +5V)
IDD1
5
10
mA
Switching Characteristics
Maximum Data Rate
35
Mbd
RL = 54Ω, CL = 50pF
Differential Output Delay Time
tD (OD)
16
25
ns
RL = 54Ω, CL = 50pF
Pulse Skew (10)
tSK (P)
1
6
ns
RL = 54Ω, CL = 50pF
Differential Output Transition Time
tT (OD)
8
10
ns
RL = 54Ω, CL = 50pF
Output Enable Time to High Level
tPZH
31
65
ns
RL = 54Ω, CL = 50pF
Output Enable Time to Low Level
tPZL
22
35
ns
RL = 54Ω, CL = 50pF
Output Disable Time from High Level
tPHZ
28
50
ns
RL = 54Ω, CL = 50pF
Output Disable Time from Low Level
tPLZ
16
32
ns
RL = 54Ω, CL = 50pF
Skew Limit (3)
tSK (LIM)
2
8
ns
RL = 54Ω, CL = 50pF
Driver Section Specifications
All Specifications are Tmin to Tmax unless otherwise stated
1.
All Voltage values are with respect to network ground except differential
I/O bus voltages.
2.
Differential input/output voltage is measured at the noninverting
terminal A/Y with respect to the inverting terminal B/Z.
3.
Skew limit is the maximum difference in any two channels in one
device.
4.
The power-off measurement in ANSI Standard EIA/TIA-422-B applies
to disabled outputs only and is not applied to combined inputs and outputs.
5.
All typical values are at VDD1, VDD2 = 5V and TA = 25°C.
6.
The minimum VOD2 with a 100Ω load is either ½VOD1 or 2V,
whichever is greater.
7.
∆
|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC,
respectively, that occur when the input is changed form one logic state to
the other.
8.
This applies for both power on and power off, refer to ANSI standard
RS-485 for exact condition. The EIA/TIA-422-B limit does not apply for a
combined driver and receiver terminal.
9.
Includes 8 ns read enable time. Maximum propagation delay is 25 ns
after read assertion.
10. Pulse skew is defined as the
|tPLH -tPHL| of each channel.
Notes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com