Electronic Components Datasheet Search
  English  ▼

X  

APC8301 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # APC8301
Description  ISDN S Interface Mini Hybrid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC8301 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  APC8301 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 05.20.03
Page 1
Turns Ratio
+/-5%
Primary
Inductance
mH min
Leakage
Inductance
uH max
Primary
DCR
OHMS
+/- 20%
Secondary
DCR
OHMS
+/- 20%
Choke
Inductance
per line
mH nom
DCR
per line
OHMS
1CT:2
20
10
1.25
2.8
0.04
0.5
NOTES:
ISOLATION PRI:SEC 1500VRMS
PART USED WITH SIEMENS PEB2086
SCHEMATIC
MECHANICAL
17.80
1
5 PITCHES OF
2.00=10.00
3.9
3.9
1.9
1.9
NOTES:
NOT TO SCALE
TOLERANCE +/- 0.2MM
ALL DIMENSIONS IN MM
PIN DIAMETER 0.75MM MAX
DOT ON TOP SURFACE INDICATES PIN 1
ISDN S Interface Mini Hybrid
APC8301
ELECTRICAL SPECIFICATIONS @ 25°C


Similar Part No. - APC8301

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC8305 BEL-APC8305 Datasheet
72Kb / 1P
ISDN S Interface Mini Hybrid
APC8305-F BEL-APC8305-F Datasheet
71Kb / 1P
ISDN S Interface Mini Hybrid
More results

Similar Description - APC8301

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC5568-3V-F BEL-APC5568-3V-F Datasheet
127Kb / 2P
ISDN S Interface Hybrid
APC8305 BEL-APC8305 Datasheet
72Kb / 1P
ISDN S Interface Mini Hybrid
APC8866D BEL-APC8866D Datasheet
74Kb / 2P
ISDN S Interface Hybrid
APC8966D BEL-APC8966D Datasheet
74Kb / 2P
ISDN S Interface Hybrid
APC14112E BEL-APC14112E Datasheet
130Kb / 1P
ISDN S Interface Hybrid
APC14131E BEL-APC14131E Datasheet
80Kb / 1P
ISDN S Interface Hybrid
APC14131S BEL-APC14131S Datasheet
101Kb / 2P
ISDN S Interface Hybrid
APC14131SLP BEL-APC14131SLP Datasheet
77Kb / 2P
ISDN S Interface Hybrid
APC8305-F BEL-APC8305-F Datasheet
71Kb / 1P
ISDN S Interface Mini Hybrid
APC5568_3V-F_0612 BEL-APC5568_3V-F_0612 Datasheet
137Kb / 2P
ISDN S Interface Hybrid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com