Electronic Components Datasheet Search
  English  ▼

X  

IL710T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL710T
Description  T-Series Wide Temperature Range High Speed Digital Coupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL710T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL710T Datasheet HTML 1Page - List of Unclassifed Manufacturers IL710T Datasheet HTML 2Page - List of Unclassifed Manufacturers IL710T Datasheet HTML 3Page - List of Unclassifed Manufacturers IL710T Datasheet HTML 4Page - List of Unclassifed Manufacturers IL710T Datasheet HTML 5Page - List of Unclassifed Manufacturers IL710T Datasheet HTML 6Page - List of Unclassifed Manufacturers IL710T Datasheet HTML 7Page - List of Unclassifed Manufacturers IL710T Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IL710TISOLOOP®
2
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax: (952) 829-9189
Internet: www.isoloop.com
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
175
o
C
Ambient Operating Temperature(1)
TA
-55
135
o
C
Supply Voltage
VDD1,VDD2
-0.5
7
Volts
Input Voltage
VI
-0.5
VDD1+0.5
Volts
Input Voltage
VOE
-0.5
VDD2+0.5
Volts
Output Voltage
VO
-0.5
VDD2+0.5
Volts
Output Current Drive
IO
10
mA
Lead Solder Temperature (10s)
280
o
C
ESD
2kV Human Body Model
Insulation Specifications
Parameter
Condition
Min.
Typ.
Max.
Units
Barrier Impedance
>1014 ||3
Ω || pF
Creepage Distance (External)
7.036 (PDIP)mm
4.026 (SOIC)
Leakage Current
240 VRMS
0.2
µA
60Hz
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Capacitance (Input-Output)(5)
CI-O
1.1
pF
f= 1MHz
Thermal Resistance
(PDIP)
θJCT
150
o
C/W
Thermocouple located at
(SOIC)
θJCT
240
o
C/W
center underside of package
Package Power Dissipation
PPD
150
mW
Model
Pollution
Material
Max Working
Package Type
Degree
Group
Voltage
8–PDIP
8–SOIC
IL710-2
II
III
300 VRMS
IL710-3
II
III
150 VRMS
IEC61010-1
TUV Certificate Numbers:
Pending (PDIP)
Pending (SOIC)
Classification as Table 1.
UL 1577
Component Recognition program. File # Pending
Rated 2500Vrms for 1min.
Recommended Operating Conditions
Parameters
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
-40
125
o
C
Supply Voltage (3.3/5.0 V operation)
VDD1,VDD2
3.0
5.5
Volts
Logic High Input Voltage
VIH
2.4
VDD
Volts
Logic Low Input Voltage
VIL
0
0.8
Volts
Minimum Signal Rise and Fall Times
tIR,tIF
1
µsec



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com