Electronic Components Datasheet Search
  English  ▼

X  

NJW1143M Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW1143M
Description  AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1143M Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW1143M Datasheet HTML 5Page - New Japan Radio NJW1143M Datasheet HTML 6Page - New Japan Radio NJW1143M Datasheet HTML 7Page - New Japan Radio NJW1143M Datasheet HTML 8Page - New Japan Radio NJW1143M Datasheet HTML 9Page - New Japan Radio NJW1143M Datasheet HTML 10Page - New Japan Radio NJW1143M Datasheet HTML 11Page - New Japan Radio NJW1143M Datasheet HTML 12Page - New Japan Radio NJW1143M Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NJW1143
-9 -
s
s
s
s APPLICATION CIRCUIT
(NOTE)
Separate the I
2C bus line from the following terminals for avoiding digital noise problem.
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
3
TONE-Ha
20
SR FIL
22
TONE-Hb
4
TONE-La
21
TONE-Lb
-
-
24
23
22
21
20
19
18
17
16
15
13
14
1
2
3
4
5
6
7
8
9
10
11
12
0.1
µF
0.1
µF
100nF
330nF
INa
OUTa
INb
OUTb
TONE-Ha
TONE-Hb
TONE-La
TONE-Lb
ADR1
1
µF
1
µF
CTH
CTL
SDA
SCL
GND
Vref
V+
22
µF
1
µF
ADR0
CBA
SR FIL
+
+
+
+
+
+
2.2nF
AGC
CVO
CSR
330nF
+
1
µF
+
+
AUX1
AUX0
2.2nF
100nF
1
µF
1
µF
3.9k
Ω
3.9k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com