Electronic Components Datasheet Search
  English  ▼

X  

DS91D180 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS91D180
Description  Multipoint LVDS (M-LVDS) Line Driver/Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS91D180 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS91D180 Datasheet HTML 1Page - National Semiconductor (TI) DS91D180 Datasheet HTML 2Page - National Semiconductor (TI) DS91D180 Datasheet HTML 3Page - National Semiconductor (TI) DS91D180 Datasheet HTML 4Page - National Semiconductor (TI) DS91D180 Datasheet HTML 5Page - National Semiconductor (TI) DS91D180 Datasheet HTML 6Page - National Semiconductor (TI) DS91D180 Datasheet HTML 7Page - National Semiconductor (TI) DS91D180 Datasheet HTML 8Page - National Semiconductor (TI) DS91D180 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
20041926
Top View
Order Number DS91D180TMA, DS91C180TMA
See NS Package Number M14A
Logic Diagram
20041925
Ordering Information
Order Number
Receiver Input
Function
Package Type
DS91D180TMA
type 1
Data (0V threshold receiver)
SOIC/M14A
DS91C180TMA
type 2
Control (offset fail-safe receiver)
SOIC/M14A
M-LVDS Receiver Types
The EIA/TIA-899 M-LVDS standard specifies two different
types of receiver input stages. A type 1 receiver has a
conventional threshold that is centered at the midpoint of the
input amplitude, V
ID/2. A type 2 receiver has a built in offset
that is 100mV greater then V
ID/2. The type 2 receiver offset
acts as a failsafe circuit where open or short circuits at the
input will always result in the output stage being driven to a
low logic state.
20041940
FIGURE 1. M-LVDS Receiver Input Thresholds
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com