Electronic Components Datasheet Search
  English  ▼

X  

MCH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCH
Description  Military Grade High Voltage Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MCH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCH Datasheet HTML 1Page - List of Unclassifed Manufacturers MCH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCH0211
L = Length
W = Width
T = Thickness
D = Pad dimension
How to build a part number….
Type
Case size
TCR
1
Value
2
Tolerance
3
Termination
MCH
High Voltage
Chip
See dimension
table above
E = + 25ppm/ºC
H = + 50ppm/ºC
K = + 100ppm/ºC
L = + 200ppm/ºC
Resistance value
expressed as a four
digit number where
the first three num-
bers are the signifi-
cant value, and the
forth number is the
number of zeros.
B = + 0.1 %
C = + 0.25 %
D = + 0.5 %
F = + 1.0 %
G = + 2.0%
J = + 5.0 %
K = + 10 %
N = + 15 %
L = + 20 %
M = + 30 %
P = + 50 %
B = Solderable wrap-around
(solder coated with nickel
barrier)
S = Solderable single surface
(flip-chip)
G = Wire Bond able (gold)
U = Bondable wraparound
(gold)
Example: For a High Voltage, 125 Meg-ohm resistor with case size of 0805,
a TCR of + 50 ppm/C, a +1% tolerance, and wrap-around solderable
terminations - the part number would be:
MCH0805H1256FB
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey, RH8 9AX
Tel: +44 (0) 1883 717988
Fax: +44 (0) 1883 712938
Email: sales@rhopointcomponents.com
Web: www.rhopointcomponents.com
Dimensions
Wrap-around
Type B & U
terminations
Case Size
?
Length (L)
(mils)
Width (W)
(mils)
Thickness (T)
Max. (mils)
Pad (D)
(mils)
0402
40 + 5
20 + 3
20
10 (+ 5)
0403
40 + 5
30 + 5
20
10 (+ 5)
0502
50 (+10,-5)
25 + 5
20
10 (+ 5)
0503
55 (+10,-5)
30+ 5
20
6 (+ 2)
0504
50 (+10,-5)
40+ 5
20
6 (+ 2)
0603
63 (+10,-5)
31 + 5
20
10 (+10,-5)
0805
79 (+10,-5)
50 + 5
25
10 (+10,-5)
1004
100 (+10,-5)
40 + 5
25
15 (+10,-5)
1005
100 (+10,-5)
50 + 5
25
15 (+10,-5)
1206
126 (+10,-5)
63 + 5
30
15 (+10,-5)
1210
126 (+10,-5)
98 + 5
30
15 (+10,-5)
1505
150 (+10,-5)
50 + 5
30
15 (+10,-5)
2010
200 (+10,-5)
100 + 5
30
20 (+10,-5)
2208
225 (+10,-5)
75 + 5
30
20(+10,-5)
2510
250 (+10,-5)
100 + 5
30
20 (+10,-5)
2512
250 (+10,-5)
125 + 5
30
20 (+10,-5)
3512
350 (+10,-5)
125 + 5
30
20 (+10,-5)
Bondable
Type G & S
terminations
Note 1: TCR measured from –55
ºC to +125ºC.
Note 2: Value is dependent on case size.
Note 3: Tolerance is dependent on case size & value.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com