Electronic Components Datasheet Search
  English  ▼

X  

LTP8803-1AIPVPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LTP8803-1AIPVPBF
Description  160A DC/DC Power μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8803-1AIPVPBF Datasheet(HTML) 4 Page - Analog Devices

  LTP8803-1AIPVPBF Datasheet HTML 1Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 2Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8803-1AIPVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VINMON
Input Voltage Monitor
VIN = 45V to 65V, VOUT = 1.20V, IOUT = 80A
l
±2
%
TMON
Temp Monitor
VIN = 54V, VOUT = 1.20V, IOUT = 80A
l
±10
°C
Leakage Current Digital Inputs (CTRL, SDA, SCL, SYNC)
IDGTL
Input Leakage Current
0V ≤ VPIN ≤3.6V
l
10
µA
Control Section
VSCM
VS Common Mode Range
l
–100
100
mV
VMRGN
Output Voltage Margin Range
0.5
1.5
V
VOUT(OVLO)
Output Overvoltage Protection
1.60
V
Digital Inputs (CTRL, SDA, SCL, SYNC)
VIH
Input High Threshold Voltage
V3V3 = 3.3V
l
2.1
V
VIL
Input Low Threshold Voltage
V3V3 = 3.3V
l
0.8
V
Digital Outputs (SDA, SMBALERT)
VOL
Output Low Voltage
l
0.6
V
PMBus Timing Characteristics (SDA, SCL)
fSCL
Serial Bus Frequency
l
10
400
kHz
LTP8803-1A
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTP8803-1AI is guaranteed over the full 0°C to 125°C
operating junction temperature range. Operating lifetime is derated at
junction temperatures greater than 125°C.
Note 3: The LTP8803-1AI includes overtemperature protection that is
intended to protect the device during thermal overload conditions. Internal
junction temperature may exceed 150°C if the overtemperature circuitry is
active.
Note 4: All currents into device pins are positive; all currents out of
device pins are negative. All voltages are referenced to ground unless
otherwise specified.
1.0VOUT Efficiency and Power
Loss vs Output Current
1.15VOUT Efficiency and Power
Loss vs Output Current
1.3VOUT Efficiency and Power
Loss vs Output Current
TYPICAL PERFORMANCE CHARACTERISTICS
EFFICIENCY
POWER LOSS
7V0 AND 3V3 LOSSES INCLUDED
45VIN
54VIN
65VIN
LOAD CURRENT (A)
0
20
40
60
80 100 120 140 160
60
65
70
75
80
85
90
95
3
6
9
12
15
18
21
24
88031a G01
EFFICIENCY
POWER LOSS
7V0 AND 3V3 LOSSES INCLUDED
45VIN
54VIN
65VIN
LOAD CURRENT (A)
0
20
40
60
80 100 120 140 160
60
65
70
75
80
85
90
95
3
6
9
12
15
18
21
24
88031a G02
EFFICIENCY
POWER LOSS
7V0 AND 3V3 LOSSES INCLUDED
45VIN
54VIN
65VIN
LOAD CURRENT (A)
0
20
40
60
80 100 120 140 160
60
65
70
75
80
85
90
95
3
6
9
12
15
18
21
24
88031a G03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com