Electronic Components Datasheet Search
  English  ▼

X  

LT3042 Datasheet(PDF) 39 Page - Analog Devices

Part # LT3042
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3042 Datasheet(HTML) 39 Page - Analog Devices

Back Button LT3042 Datasheet HTML 35Page - Analog Devices LT3042 Datasheet HTML 36Page - Analog Devices LT3042 Datasheet HTML 37Page - Analog Devices LT3042 Datasheet HTML 38Page - Analog Devices LT3042 Datasheet HTML 39Page - Analog Devices LT3042 Datasheet HTML 40Page - Analog Devices LT3042 Datasheet HTML 41Page - Analog Devices LT3042 Datasheet HTML 42Page - Analog Devices LT3042 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Data Sheet
LT3097
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 39 of 45
threshold for the negative regulator as illustrated in the Figure 131.
The ENN/UVN pin current (IENN/UVN) at the threshold from Table 1
must be considered when calculating the resistor-divider network as
follows:
VINN UVLO =−1.26 V× 1+RENN2RENN1
−IENN/UVN×RENN2 
(3)
where:
RENN1 and RENN2 are the resistors from the ENN/UVN pin to GND
and the ENN/UVN pin to INN, respectively.
IENN/UVN can be ignored if RENN1 is less than 100 kΩ. If unused,
connect the ENP/UVP pin to INP.
Since the ENN/UVN pin is bidirectional, it can also be pulled more
than 1.26V to turn on the negative regulator of the LT3097. In
bipolar supply applications, the positive ENN/UVN threshold can
be used to sequence the turn-on of the negative regulator of the
LT3097 after the positive regulator of the LT3097 has turned on. If
unused, connect the ENN/UVN pin to INN.
POSITIVE REGULATOR PROGRAMMABLE
POWER GOOD
As shown in the Figure 122 and discussed in the Fast Startup sec-
tion, the positive side power-good threshold is user-programmable
using the ratio of two external resistors, RPGP1 and RPGP2:
VOUTPPG_THRESHOLD =0.3V× 1+RPGP2RPGP1
+IPGFBP×RPGP2
(4)
If the PGFBP pin increases to more than 300 mV, the open-collec-
tor PGP pin deasserts and becomes high impedance. The power-
good comparator has 7 mV hysteresis and 5 μs of deglitching.
The IPGFBP from Table 1 must be considered when determining the
resistor-divider network. The IPGFBP can be ignored if RPGP1 is less
than 30 kΩ. If the power-good functionality is not used, float the
PGP pin. Note that programmable power good and fast start-up
capabilities are disabled for positive output voltages less than 300
mV.
The power-good functionality is disabled in shutdown, i.e. when
ENP/UVP is set to 0V. If power-good functionality is desired in
shutdown, connect the power-good resistor (i.e. RPGP in the Figure
122) between the PGP pin and either the ENP/UVP pin or OUTP
pin.
NEGATIVE REGULATOR PROGRAMMABLE
POWER GOOD
As shown in the Figure 123 and discussed in the Fast Startup sec-
tion, the negative side power-good threshold is user-programmable
using the ratio of two external resistors, RPGN1 and RPGN2:
VOUTNPG_THRESHOLD =−0.3V× 1+RPGN2RPGN1
−IPGFBN×RPGN2
(5)
If the PGFBN pin decreases to less than −300 mV, the open-col-
lector PGN pin deasserts and becomes high impedance. The pow-
er-good comparator has 7 mV hysteresis and 5 μs of deglitching.
The IPGFBN from Table 1 must be considered when determining the
resistor-divider network. The IPGFBN can be ignored if RPGP1 is less
than 30 kΩ. If the power-good functionality is not used, float the
PGN pin. Note that programmable power good and fast start-up
capabilities are disabled for negative output voltages between 0 V
and −300 mV.
Take care when laying out traces for PGN and PGFBN on a PCB.
If the PGN and PGFBN pins are run close to each other for a
distance (typically greater than two inches), stray capacitance from
trace-to-trace couples the PGN signal into the high-impedance
PGFBN signal. Since PGN is out of phase relative to PGFBN, this
results in oscillation. To avoid this, minimize the distance the two
traces run close to each other; lowering the impedance seen at the
PGFBN pin by using lower value resistors for the PGFBN divider
also helps.
POSITIVE REGULATOR EXTERNALLY
PROGRAMMABLE CURRENT LIMIT
The current-limit threshold of the ILIMP pin is 300 mV. Connecting
a resistor from ILIMP to GND sets the maximum current flowing out
of the ILIMP pin, which, in turn, programs the current limit of the
positive regulator of the LT3097. With a 150 mA × kΩ programming
scale factor, calculate the current limit as follows:
Positive Side Current Limit=150 mA×kΩ
RILIMP (6)
For example, a 1 kΩ resistor programs the current limit to 150 mA,
and a 2 kΩ resistor programs the current limit to 75 mA. For good
accuracy, Kelvin connect this resistor to the GND pin (pin 19) of the
LT3097.
When the INP-to-OUTP differential is greater than 12 V, the fold-
back circuitry of the positive regulator of the LT3097 decreases
the internal current limit. As a result, the internal current limit can
override the externally programmed current-limit level to keep the
LT3097 within its safe-operating area (SOA). See Figure 56.
As shown in the Figure 122, the ILIMP pin sources current propor-
tional (1:500) to the output current; therefore, it also serves as a
current monitoring pin with a 0 V to 300 mV range. If external
current limit or current monitoring is not used, connect ILIMP to
GND.
NEGATIVE REGULATOR EXTERNALLY
PROGRAMMABLE CURRENT LIMIT
The ILIMN pin internally regulates to −300 mV. Connecting a resis-
tor from GND to ILIMN sets the current flowing into the ILIMN pin,
which, in turn, programs the current limit of the negative regulator of
the LT3097. With a 3.75 A × kΩ programming scale factor, calculate
the current limit as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com