Electronic Components Datasheet Search
  English  ▼

X  

LTM4664A Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4664A
Description  160A DC/DC Power μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664A Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4664A Datasheet HTML 9Page - Analog Devices LTM4664A Datasheet HTML 10Page - Analog Devices LTM4664A Datasheet HTML 11Page - Analog Devices LTM4664A Datasheet HTML 12Page - Analog Devices LTM4664A Datasheet HTML 13Page - Analog Devices LTM4664A Datasheet HTML 14Page - Analog Devices LTM4664A Datasheet HTML 15Page - Analog Devices LTM4664A Datasheet HTML 16Page - Analog Devices LTM4664A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTP8803-1A
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 6. 48VIN, 1.15VOUT
Figure 7. 54VIN, 1.15VOUT
VIN = 48V
VOUT = 1.15V
fSW = 600kHz
8.5" × 9"
8-LAYER BOARD
200LFM
400LFM
500LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
30
50
70
90
110
130
150
170
190
210
88031a F06
VIN = 54V
VOUT = 1.15V
fSW = 600kHz
8.5" × 9"
8-LAYER BOARD
200LFM
400LFM
500LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
30
50
70
90
110
130
150
170
190
210
88031a F07
Figure 8. Recommended PCB Layout, Top View
88003-1a F08b
88003-1a F08a
GND
VOUT
VIN
VOUT
(a) Top Layers
(a) Bottom Layers
+
+
VOUT
GND
GND
VOUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com