Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3041
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3041 Datasheet HTML 2Page - Analog Devices LT3041 Datasheet HTML 3Page - Analog Devices LT3041 Datasheet HTML 4Page - Analog Devices LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices LT3041 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Data Sheet
LT3097
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 45
Table 1. Electrical Characteristics (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VRIPPLE = 500 mV p-p, fRIPPLE = 10 kHz, ILN = 500 mA,
CSETN = 0.47 µF
90
dB
VRIPPLE = 500 mV p-p, fRIPPLE = 100 kHz, ILN = 500 mA,
CSETN = 0.47 µF
72
dB
VRIPPLE = 500 mV p-p, fRIPPLE = 1 MHz, ILN = 500 mA,
CSETN = 0.47 µF
78
dB
VRIPPLE = 500 mV p-p, fRIPPLE = 10 MHz, ILN = 500 mA,
CSETN = 0.47 µF
30
dB
ENP/UVP PIN
Threshold
ENP/UVP trip-point rising (turn-on), VINP = 2 V
1.18
1.24
1.32
V
Hysteresis
ENP/UVP trip-point hysteresis, VINP = 2 V
130
mV
Current (IENP/UVP)
ENP/UVP voltage (VENP/UVP) = 0 V, VINP = 20 V
±1
µA
VENP/UVP = 1.24 V, VINP = 20 V
0.03
µA
VENP/UVP = 20 V, VINP = 0 V
8
15
µA
ENN/UVN PIN
Threshold
Positive ENN/UVN trip-point rising (turn-on), VINN = –2.3
V
1.20
1.26
1.35
V
Negative ENN/UVN trip-point rising (turn-on), VINN = –2.3
V
–1.35
–1.26
–1.20
V
Hysteresis
Positive ENN/UVN trip-point hysteresis, VINN = –2.3 V
200
mV
Negative ENN/UVN trip-point hysteresis, VINN = –2.3 V
215
mV
Current (IENN/UVN)
ENN/UVN voltage (VENN/UVN) = 0 V, VINN = –20 V
±1
µA
VENN/UVN = –1.5 V, VINN = –20 V
–0.5
µA
VENN/UVN = –20 V, VINN = –20 V
–35
–18.5
µA
VENN/UVN = 1.5 V, VINN = –20 V
8
µA
VENN/UVN = 20 V, VINN = 0 V
25
45
µA
POSITIVE QUIESCENT CURRENT IN SHUTDOWN
(VENP/UVP = 0 V)
VINP = 6 V, TA = 25°C
0.3
1.5
µA
VINP = 6 V
10
µA
NEGATIVE QUIESCENT CURRENT IN SHUTDOWN
(VENN/UVN = 0 V)
VINN = –6 V, VPGN = Open, TA = 25°C
3
8
µA
VINN = –6 V, VPGN = Open
10
µA
POSITIVE CURRENT LIMIT
Internal13
VINP = 2 V, VOUTP = 0 V
570
710
850
mA
VINP = 12 V, VOUTP = 0 V
700
mA
VINP = 20 V, VOUTP = 0 V
230
330
430
mA
Programmable
Programming scale factor: 2 V < VINP < 20 V14
150
mA × kΩ
VINP = 2 V, VOUTP = 0 V, RILIMP = 301 Ω
450
500
550
mA
VINP = 2V, VOUTP = 0 V, RILIMP = 1.5 kΩ
90
100
110
mA
NEGATIVE CURRENT LIMIT
Internal15
VINN = –2.3 V, VOUTN = 0 V
550
750
mA
VINN = –12 V, VOUTN = 0 V
425
mA
VINN = –20 V, VOUTN = 0 V
40
85
160
mA
Programmable
Programming scale factor: –20 V < VINN < –2.3 V16
3.75
A × kΩ
VINN = –2.3 V, VOUTN = 0 V, RILIMN = 7.5 kΩ
450
500
560
mA
VINN = –2.3 V, VOUTN = 0 V, RILIMN = 37.5 kΩ
90
105
120
mA
PGFBP PIN
Trip Point
PGFBP trip-point rising
291
300
309
mV
Hysteresis
PGFBP trip-point hysteresis
7
mV
Current (IPGFBP)
VINP = 2V, VPGFBP = 300 mV
25
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com