Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4700
Description  160A DC/DC Power μModule Regulator with PMBus Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 2 Page - Analog Devices

  LTM4700 Datasheet HTML 1Page - Analog Devices LTM4700 Datasheet HTML 2Page - Analog Devices LTM4700 Datasheet HTML 3Page - Analog Devices LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTP8803-1A
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 70V
7V0 ..........................................................–0.3V to 7.75V
3V3, SYNC, CTRL, SMBALERT, SDA, SCL,
ISHARE, ADDR, VOUT................................ –0.3V to 3.6V
VS+.............................................................–0.3V to 1.6V
VS–............................................................ –0.3V to 0.3V
Operating Junction Temperature Range
LTP8803-1A (Note 2) ............................. 0°C to 125°C
Storage Temperature Range (Note 2)..... –40°C to 150°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
7V0
GND
3V3
SYNC
GND
GND
TOP VIEW
OPEN FRAME PACKAGE
22-PIN (22mm × 24mm × 22mm)
WEIGHT = 18.3g
VOUT
VOUT
VOUT
SMBALERT
ISHARE
CTRL
ADD
VS+
VS–
2
1
21
3
4
5
6
SDA SCL GND
VOUT
VOUT
VIN
VOUT
20
19
18
17
15
14
16
7
8
9
10
11
12
13
22
ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Supply
VIN
Input Operating Range
l
45
65
V
VIN(UVLO)
Input Undervoltage
VIN Rising
38
40
42
V
VIN Falling
36
38
40
V
VIN(OVLO)
Input Overvoltage
VIN Rising
67
70
73
V
VIN Falling
65
68
71
V
I(VIN)
Input Standby Current
CTRL = 0V
0.1
mA
Input Supply Current
IOUT = 0A, VIN = 54V, VOUT = 1.20V
65
mA
IOUT = 10A, VIN = 54V, VOUT = 1.20V
0.30
A
IOUT = 160A, VIN = 54V, VOUT = 1.20V
3.87
A
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
MSL RATING
TEMPERATURE RANGE
LTP8803-1AIPV#PBF
LTP8803-1A
22-Pin (22mm × 24mm) Open Frame
3
0°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com