Electronic Components Datasheet Search
  English  ▼

X  

ADP1761 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1761
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1761 Datasheet HTML 37Page - Analog Devices ADP1761 Datasheet HTML 38Page - Analog Devices ADP1761 Datasheet HTML 39Page - Analog Devices ADP1761 Datasheet HTML 40Page - Analog Devices ADP1761 Datasheet HTML 41Page - Analog Devices ADP1761 Datasheet HTML 42Page - Analog Devices ADP1761 Datasheet HTML 43Page - Analog Devices ADP1761 Datasheet HTML 44Page - Analog Devices ADP1761 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
Data Sheet
LT3097
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 42 of 45
PROTECTION FEATURES
The LT3097 incorporates several protection features for sensitive
applications. Precision current-limit and thermal-overload protection
protect the LT3097 against overload and fault conditions at the
output of the device. For normal operation, do not allow the junction
temperature to exceed 125°C.
To protect the low-noise error amplifier of the positive regulator
of the LT3097, the SETP-to-OUTSP protection clamp limits the
maximum voltage between SETP and OUTSP with a maximum DC
current of 20 mA through the clamp. Therefore, for applications
where SETP is actively driven by a voltage source, the voltage
source must be current-limited to 20 mA or less. Moreover, to
limit the transient current flowing through these clamps during a
transient fault condition, limit the maximum value of the SETP pin
capacitor (CSETP) to 22 μF.
To protect the low-noise error amplifier of the negative regulator
of the LT3097, the SETN-to-OUTSN protection clamp limits the
maximum voltage between SETN and OUTSN with a maximum DC
current of 10 mA through the clamp. Therefore, for applications
where SETN is actively driven by a voltage source, the voltage
source must be current-limited to 10 mA or less. Moreover, to
limit the transient current flowing through these clamps during a
transient fault condition, limit the maximum value of the SETN pin
capacitor (CSETN) to 22 μF.
The positive regulator of the LT3097 also incorporates reverse-input
protection whereby the INP pin withstands reverse voltages of up
to –20 V without causing any input-current flow and without devel-
oping negative voltages at the OUTP pin. The positive regulator
protects both itself and the load against batteries that are plugged
in backwards.
In circuits where a backup battery is required, several different
input and output conditions can occur for the positive regulator.
The positive output voltage can be held up while the positive input
is either pulled to GND, pulled to some intermediate voltage, or
left open-circuit. In all cases, the reverse-current protection circuitry
prevents current flow from the positive output to the positive input.
Nonetheless, due to the OUTSP-to-SETP clamp, unless the SETP
pin is floating, current can flow to GND through the SETP pin
resistor as well as up to 15 mA to GND through the positive output
overshoot recovery circuitry. This current flow through the positive
output overshoot recovery circuitry can be significantly reduced by
placing a Schottky diode between the OUTSP and SETP pins, with
its anode at the OUTSP pin.
Pulling the negative output of the LT3097 above ground induces
no damage to the part. If INN is left open circuit or grounded,
OUTN can be pulled 20V above GND. In this condition, a maximum
current of 25mA flows into the OUTN pin and out of the GND pin
(pin 13). If INN is powered by a voltage source, OUTN sinks the
short circuit current of the negative regulator of the LT3097 and
protects itself by thermal limiting. In this case, however, grounding
the ENN/UVN pin turns off the negative regulator and stops OUTN
from sinking the short-circuit current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com