Electronic Components Datasheet Search
  English  ▼

X  

ADP7156 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP7156
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7156 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP7156 Datasheet HTML 7Page - Analog Devices ADP7156 Datasheet HTML 8Page - Analog Devices ADP7156 Datasheet HTML 9Page - Analog Devices ADP7156 Datasheet HTML 10Page - Analog Devices ADP7156 Datasheet HTML 11Page - Analog Devices ADP7156 Datasheet HTML 12Page - Analog Devices ADP7156 Datasheet HTML 13Page - Analog Devices ADP7156 Datasheet HTML 14Page - Analog Devices ADP7156 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Data Sheet
LT3097
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 11 of 45
Table 3. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
6, 7
INN
Negative Input. The INN pins supply power to the negative regulator. The LT3097 requires a bypass capacitor at the INN pin. In general, the
output impedance of a battery rises with frequency; therefore, it is best practice to include a bypass capacitor in battery-powered applications.
While a 10 µF input bypass capacitor generally suffices, applications with large load transients can require higher input capacitance to prevent
input-supply droop. See the Stability and Input Capacitance and PSRR and Input Capacitance sections on the proper use of a negative input
capacitor and its effect on circuit performance, particularly negative regulator PSRR.
8
ENN/UVN
Negative Enable and UVLO. Pulling the ENN/UVN pin to GND moves the LT3097 negative regulator to shutdown mode. The negative quiescent
current in shutdown mode drops to 3 µA, and the negative output voltage turns off. Alternatively, the ENN/UVN pin can set a negative
input-supply UVLO threshold using a resistor-divider between INN, ENN/UVN, and GND. The ENN/UVN pin is bidirectional and can be switched
with either a positive or negative voltage. For positive voltages on the ENN/UVN pin, the LT3097 negative regulator typically turns on when the
ENN/UVN voltage exceeds 1.26 V above ground on its rising edge, with a 200 mV hysteresis on its falling edge. For negative voltages on the
ENN/UVN pin, the LT3097 negative regulator typically turns on when the ENN/UVN voltage exceeds 1.26 V below ground on its rising edge,
with a 215 mV hysteresis on its falling edge. If unused, connect ENN/UVN to INN. Do not float the ENN/UVN pin.
9
PGN
Negative Power Good. PGN is an open-collector flag that indicates negative output-voltage regulation. PGN pulls to GND if PGFBN is between
0 V and –300 mV. If the power-good functionality is not needed, float the PGN pin. The PGN flag status is valid even if the LT3097 negative
regulator is in shutdown, with the PGN pin being pulled to GND.
10
PGFBN
Negative Power-Good Feedback. The PGN pin pulls high if PGFBN is below –300 mV on its rising edge, with 7 mV hysteresis on its falling
edge. Connecting an external resistor-divider between OUTN, PGFBN, and GND sets the programmable power-good threshold with the
following transfer function: –0.3 V × (1 + RPGN2/RPGN1). In the Fast Startup section, PGFBN also activates the fast start-up circuitry. Connect
PGFBN to INN if the power-good and fast start-up functions are not needed.
11
ILIMN
Negative Regulator Current-Limit Programming Pin. Connecting a resistor between ILIMN and GND programs the current limit. For best
accuracy, Kelvin connects this resistor directly to the GND pin of the LT3097. The programming-scale factor is nominally 3.75 A × kΩ. If the
programmable current-limit functionality is not needed, connect ILIMN to GND. Do not float the ILIMN pin.
12
SETN
The Inverting Input of the Error Amplifier and the Regulation Set Point for the LT3097 Negative Regulator. SETN sinks precision 100 µA current
that flows through an external resistor connected between SETN and GND. The negative output voltage of the LT3097 is determined by VSETN
= ISETN × SETN resistance (RSETN). The negative output voltage range is from 0 V to –19.5 V. Adding a capacitor from SETN to GND improves
noise, PSRR, and transient response at the expense of an increased start-up time. Using the fast start-up capability through the PGFBN pin
mitigates this increase in start-up time. For optimum negative load regulation, Kelvin connects the ground side of the SETN pin resistor directly
to the negative load.
13
GND
Ground. Pin 13 is negative regulator ground.
14
OUTSN
Negative Output Sense. The OUTSN pin is the noninverting input to the error amplifier of the negative regulator. For optimal transient
performance and load regulation, Kelvin connects OUTSN directly to the negative output capacitor and the negative load. In addition, connect
the GND connections of the negative output capacitor and the SETN pin capacitor directly together. Exercise care regarding placement of
negative input capacitors relative to negative output capacitors due to potential PSRR degradation from magnetic coupling effects. See PSRR
and Input Capacitance for further information on capacitor placement and board layout. A parasitic-substrate diode exists between the OUTSN
and INN pins of the LT3097; therefore, do not drive OUTSN more than 0.3 V below INN during normal operation or during a fault condition.
15, 16
OUTN
Negative Output. The OUTN pins supply power to the negative load. For stability, use a minimum 10 µF output capacitor with an equivalent
series resistance (ESR) of less than 30 mΩ and an effective series inductance (ESL) of less than 1.5 nH. Large load transients require larger
output capacitance to limit peak-voltage transients. See the Stability and Output Capacitance section for more information on negative output
capacitance. A parasitic-substrate diode exists between the OUTN and INN pins of the LT3097; therefore, do not drive OUTN more than 0.3 V
below INN during normal operation or a fault condition.
17
PGFBP
Positive Power-Good Feedback. The PGP pin pulls high if PGFBP increases beyond 300 mV on its rising edge, with 7 mV hysteresis on its
falling edge. Connecting an external resistor-divider between OUTP, PGFBP, and GND sets the programmable power-good threshold with the
following transfer function: 0.3 V × (1 + RPGP2/RPGP1).In the Fast Startup section, PGFBP also activates the fast start-up circuitry. Connect
PGFBP to INP if the power-good and fast start-up functions are not needed. In addition, if reverse-input protection is additionally required,
connect the anode of a 1N4148 diode to INP and its cathode to PGFBP. A parasitic-substrate diode exists between the PGFBP and GND pin of
the LT3097; therefore, do not drive PGFBP more than 0.3 V below GND during normal operation or a fault condition.
18
SETP
The Inverting Input of the Error Amplifier and the Regulation Set Point for the LT3097 Positive Regulator. SETP sources precision 100 µA
current that flows through an external resistor connected between SETP and GND. The positive output voltage of the LT3097 is determined
by VSETP = ISETP × SETP resistance (RSETP). The positive output voltage range is from 0 V to 15 V. Adding a capacitor from SETP to GND
improves noise, PSRR, and transient response at the expense of an increased start-up time. Using the fast start-up capability through the
PGFBP pin mitigates this increase in start-up time. For optimum positive load regulation, Kelvin connects the ground side of the SETP pin
resistor directly to the positive load. A parasitic-substrate diode exists between the SETP and GND pins of the LT3097; therefore, do not drive
SETP more than 0.3 V below GND during normal operation or a fault condition.
19
GND
Ground. Pin 19 is positive regulator ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com