Electronic Components Datasheet Search
  English  ▼

X  

MAX38913 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX38913
Description  Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38913 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX38913 Datasheet HTML 9Page - Analog Devices MAX38913 Datasheet HTML 10Page - Analog Devices MAX38913 Datasheet HTML 11Page - Analog Devices MAX38913 Datasheet HTML 12Page - Analog Devices MAX38913 Datasheet HTML 13Page - Analog Devices MAX38913 Datasheet HTML 14Page - Analog Devices MAX38913 Datasheet HTML 15Page - Analog Devices MAX38913 Datasheet HTML 16Page - Analog Devices MAX38913 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Data Sheet
LT3097
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 45
TA = 25°C, unless otherwise noted.
Figure 4. SETP Pin Current vs. Temperature
Figure 5. SETN Pin Current vs. Temperature
Figure 6. ISETP Distribution
Figure 7. ISETN Distribution
Figure 8. Positive Side Offset Voltage (VOUTP – VSETP) vs. Temperature
Figure 9. Negative Side Offset Voltage (VOUTN – VSETN) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com