Electronic Components Datasheet Search
  English  ▼

X  

APC13112 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # APC13112
Description  U Interface Transformer Hybrid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC13112 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  APC13112 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 05.20.03
Page 1
DMT.2
MCUI/P
DMT.1
7
4
RXP
5
6 RXN
3
1
2
TXP
T1
TXN
DMT1
DMT2
9
NC
NC
11
12
13
NC
NC
10
RING
8
TIP
PLANVIEWPINLA YOUT DIMENSIONS
PLANVIEW
SIDEELEV ATION
PLANVIEWPINNUMBERS
7654321
89101
11213
36.65
18.87
2.54
13.79
5.08
44.27
Recommendedholesize
0.95mm
Pin1marker
3.2+/-0.2
Pin1marker
47.90
apcxxxxx
xxxxxx
Partnumber ,datecode,issue
numberandmanufacturingcode
SCHEMATIC
MECHANICAL
ELECTRICAL SPECIFICATIONS @ 25°C
OPERATING TEMPERATURE -40°C TO +85°C
STORAGE TEMPERATURE -40°C TO +85°C
NOTES:
NOT TO SCALE
TOLERANCE +/- 0.2MM
ALL DIMENSIONS IN MM
PIN DIA. 0.75MM MAX.
Turns Ratio
(PRI:SEC)
+/- 5%
Primary
Inductance
mH min
Leakage
Inductance
uH max
Primary
DCR
OHMS
max
Secondary
DCR
OHMS
max
Capacitance
pF
max
Isolation
Voltage
PRI:SEC
Vrms
1.6:1
14.5
90
7
4.5
70
1500
NOTES:
DESIGNED FOR SIEMENS U-INTERFACE PEB2091 TRANSCEIVER IC. DESIGNED TO MEET ANSI TEST LOOPS 1-15 UL CERTIFIED TO UL 1459 THIRD EDITION AND
UL 1950 SECOND EDITION WITH D3 DEVIATIONS
UL FILE NUMBER E175058
U Interface Transformer Hybrid
APC13112


Similar Part No. - APC13112

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC13115 BEL-APC13115 Datasheet
151Kb / 1P
ISDN U Interface Hybrid
More results

Similar Description - APC13112

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-6204-01 BEL-0803-6204-01 Datasheet
72Kb / 2P
ISDN U Interface Hybrid
APC13107LP BEL-APC13107LP Datasheet
124Kb / 1P
U Interface Transformer Hybrid
logo
Rhombus Industries Inc.
T-1150 RHOMBUS-IND-T-1150 Datasheet
22Kb / 1P
"U" INTERFACE TRANSFORMER
04-10-01
T-1026 RHOMBUS-IND-T-1026 Datasheet
34Kb / 1P
U Interface Transformer
03/09/98
T-1027 RHOMBUS-IND-T-1027 Datasheet
28Kb / 1P
U Interface Transformer
05/19/98
T-1028 RHOMBUS-IND-T-1028 Datasheet
33Kb / 1P
U Interface Transformer
03/09/98
T-1291 RHOMBUS-IND-T-1291 Datasheet
21Kb / 1P
"U" INTERFACE TRANSFORMER
T-13207G RHOMBUS-IND-T-13207G Datasheet
26Kb / 1P
U Interface Transformer
7/2/96
T-13209G RHOMBUS-IND-T-13209G Datasheet
27Kb / 1P
U Interface Transformer
7/2/96
T-13215G RHOMBUS-IND-T-13215G Datasheet
27Kb / 1P
U Interface Transformer
7/2/96
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com