Electronic Components Datasheet Search
  English  ▼

X  

MC68331MFC16 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MC68331MFC16
Description  Technical Summary 32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331MFC16 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MC68331MFC16 Datasheet HTML 51Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 52Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 53Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 54Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 55Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 56Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 57Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 58Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
MC68331TS/D
55
PORTQS latches I/O data. Writes drive pins defined as outputs. Reads return data present on the pins.
To avoid driving undefined data, first write a byte to PORTQS, then configure DDRQS.
Clearing a bit in the PQSPAR assigns the corresponding pin to general-purpose I/O; setting a bit as-
signs the pin to the QSPI. The PQSPAR does not affect operation of the SCI.
NOTES:
1. PQS2 is a digital I/O pin unless the SPI is enabled
(SPE in SPCR1 set), in which case it becomes SPI
serial clock SCK.
2. PQS7 is a digital I/O pin unless the SCI transmitter
is enabled (TE in SCCR1 = 1), in which case it be-
comes SCI serial output TXD.
PORTQS — Port QS Data Register
$YFFC14
15
8
7
6
5
4
3
2
1
0
NOT USED
PQS7
PQS6
PQS5
PQS4
PQS3
PQS2
PQS1
PQS0
RESET:
0
0
0
0
0
0
0
0
PQSPAR — PORT QS Pin Assignment Register
$YFFC16
DDRQS — PORT QS Data Direction Register
$YFFC17
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
PQSPA6 PQSPA5 PQSPA4 PQSPA3
0
PQSPA1 PQSPA0
DDQS7 DDQS6 DDQS5 DDQS4 DDQS3 DDQS2 DDQS1 DDQS0
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 23 QSPAR Pin Assignments
PQSPAR Field
PQSPAR Bit
Pin Function
PQSPA0
0
1
PQS0
MISO
PQSPA1
0
1
PQS1
MOSI
PQSPA2
0
1
PQS21
SCK
PQSPA3
0
1
PQS3
PCS0/SS
PQSPA4
0
1
PQS4
PCS1
PQSPA5
0
1
PQS5
PCS2
PQSPA6
0
1
PQS6
PCS3
PQSPA7
0
1
PQS72
TXD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com