Electronic Components Datasheet Search
  English  ▼

X  

CP2102 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # CP2102
Description  SINGLE-CHIP USB-TO-UART BRIDGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button CP2102 Datasheet HTML 9Page - Silicon Laboratories CP2102 Datasheet HTML 10Page - Silicon Laboratories CP2102 Datasheet HTML 11Page - Silicon Laboratories CP2102 Datasheet HTML 12Page - Silicon Laboratories CP2102 Datasheet HTML 13Page - Silicon Laboratories CP2102 Datasheet HTML 14Page - Silicon Laboratories CP2102 Datasheet HTML 15Page - Silicon Laboratories CP2102 Datasheet HTML 16Page - Silicon Laboratories CP2102 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
CP2102/9
Rev. 1.8
13
5. QFN-28 Package Specifications
Figure 3. QFN-28 Package Drawing
Table 10. QFN-28 Package Dimensions
Dimension
Min
Typ
Max
Dimension
Min
Typ
Max
A
0.80
0.90
1.00
L
0.35
0.55
0.65
A1
0.00
0.02
0.05
L1
0.00
—
0.15
A3
0.25 REF
aaa
0.15
b
0.18
0.23
0.30
bbb
0.10
D
5.00 BSC.
ddd
0.05
D2
2.90
3.15
3.35
eee
0.08
e
0.50 BSC.
Z
0.44
E
5.00 BSC.
Y
0.18
E2
2.90
3.15
3.35
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to the JEDEC Solid State Outline MO-220, variation VHHD except for
custom features D2, E2, Z, Y, and L, which are toleranced per supplier designation.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body
Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com