Electronic Components Datasheet Search
  English  ▼

X  

74LVC10APWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC10APWDH
Description  Triple 3-input NAND gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC10APWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC10APWDH Datasheet HTML 1Page - NXP Semiconductors 74LVC10APWDH Datasheet HTML 2Page - NXP Semiconductors 74LVC10APWDH Datasheet HTML 3Page - NXP Semiconductors 74LVC10APWDH Datasheet HTML 4Page - NXP Semiconductors 74LVC10APWDH Datasheet HTML 5Page - NXP Semiconductors 74LVC10APWDH Datasheet HTML 6Page - NXP Semiconductors 74LVC10APWDH Datasheet HTML 7Page - NXP Semiconductors 74LVC10APWDH Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74LVC10A
Triple 3-input NAND gate
2
1998 Apr 28
853-1973 19308
FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• In accordance with JEDEC standard no. 8-1A.
• Inputs accept voltages up to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Output capability: standard
• I
CC category: SSI
DESCRIPTION
The 74LVC10A is a high performance, low power, low voltage, Si
gate CMOS device and superior to most advanced CMOS
compatible TTL families.
The 74LVC10A provides the 3-input NAND function.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA, nB, nC to nY
CL = 50 pF;
VCC = 3.3 V
3.9
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per gate
VI = GND to VCC1
26
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic SO
–40
°C to +85°C
74LVC10A D
74LVC10A D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC10A DB
74LVC10A DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC10A PW
74LVC10APW DH
SOT402-1
PIN CONFIGURATION
SV00416
1
2
3
4
5
6
7
1A
1B
2A
2B
2C
2Y
GND
V
CC
1C
1Y
3C
3B
3A
3Y
14
13
12
11
10
9
8
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 3, 9
1A – 3A
Data inputs
2, 4, 10
1B – 3B
Data inputs
7
GND
Ground (0 V)
12, 6, 8
1Y – 3Y
Data outputs
13, 5, 11
1C – 3C
Data inputs
14
VCC
Positive supply voltage
LOGIC SYMBOL
1C
1A
13
1
1B
2
2C
2A
5
3
2B
4
3C
3A
11
9
3B
10
SV00417
2Y
3Y
6
8
12
1Y



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com