Electronic Components Datasheet Search
  English  ▼

X  

74LVC1284 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC1284
Description  3.3V Parallel printer interface transceiver/buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1284 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC1284 Datasheet HTML 1Page - NXP Semiconductors 74LVC1284 Datasheet HTML 2Page - NXP Semiconductors 74LVC1284 Datasheet HTML 3Page - NXP Semiconductors 74LVC1284 Datasheet HTML 4Page - NXP Semiconductors 74LVC1284 Datasheet HTML 5Page - NXP Semiconductors 74LVC1284 Datasheet HTML 6Page - NXP Semiconductors 74LVC1284 Datasheet HTML 7Page - NXP Semiconductors 74LVC1284 Datasheet HTML 8Page - NXP Semiconductors 74LVC1284 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVC1284
3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
4
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 25°C
Tamb = 0°C to +70°C
UNIT
MIN
TYP
MAX
MIN
MAX
High level
An
VCC = Min to Max; IOH = –50µA
VCC–0.2
VCC
VCC–0.2
V
VOH
High-level
output voltage
An
VCC = 3.0V; IOH = –4mA
2.4
2.4
V
out ut voltage
Bn or Yn
VCC = 3.0V; IOH = 14mA
2.2
2.4
2.1
V
V
Low-level
An
VCC = Min to Max; IOL = 50µA;
VI = VIL or VIH
0.2
0.2
V
VOL
Low level
output voltage
VCC = 3.0V; IOL = 4mA; VI = VIL or VIH
0.4
0.4
V
Bn or Yn
VCC = 3.0V; IOL = –14mA; VI = VIL or VIH
0.8
0.9
V
VIH
High-level input voltage
VCC = Min to Max
0.8
0.8
VIL
Low-level input voltage
VCC = Min to Max
2.0
2.0
VHYS
Input Hysteresis
VCC = 3.3V
0.4
0.3
V
RD
B/Y side Output
Impedance
See Figure 2
38
45
53
35
55
Ω
II
Input leakage current
(A5-A7 DIR, HD)
VCC = 3.6V; VO = VCC or GND;
Not for I/O pins
±1.0
±5.0
µA
IIHZ/IILZ
Input current for common
I/O pins
VCC = 3.6V;VI = 5.5V or GND
"0.1
"15
µA
IOFF
B/Y Side Power-off
leakage current
VCC = 0.0V; VO = 0 to 5.5V
±10
±100
µA
IOZH
3-State output High
current Yn
VCC = 3.6V; VO = VCC; VI = VIL or VIH
5
20
µA
IOZL
3-State output Low
current Yn
VCC = 3.6V; VO = GND; VI = VIL or VIH
–5
–20
µA
IIH+IOZH
current (A1 – A4, Bn)
VCC = 3.6V; VI/O = VCC
5
25
µA
IIL+IOZL
current (A1 – A4, Bn)
VCC = 3.6V; VI/O = GND
–5
–25
µA
ICC
Quiescent Supply
Current
VCC = 3.6V; IO = 0; VI = GND or VCC
5
10
50
µA
AC CHARACTERISTICS
GND = 0V, tR = tF = 3.0ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = 25°C
VCC = 3.3V
Tamb = 0 to + 70°C
VCC = Min to Max
UNIT
MIN
TYP
MAX
MIN
MAX
SR
B-Side Slew Rate
4
0.05
0.2
0.35
0.05
0.4
V/ns
tPLH
tPHL
Propagation delay
A toY or A to B
5
6.0
6.0
12.6
12.4
18.0
18.0
5.0
5.0
19.5
20.0
ns
tPLH
tPHL
Propagation delay
B to A
1
1.5
1.5
5.5
5.6
7.9
7.6
1.5
1.5
9.5
9.0
ns
tPZH
tPHZ
Output enable/disable time to/from High level
HD to Y or HD to B
2
4.0
2.0
12.0
6.5
16.0
9.1
4.0
2.0
20.0
11.0
ns
tPZL
tPLZ
Output enable/disable time to/from Low level
A to Y or A to B
2
5.0
1.5
12.7
5.0
16.3
7.1
5.0
1.5
20.0
9.0
ns
tPZH
tPZL
Output enable time
from DIR to B
2
8.0
8.0
12.3
12.7
18.0
18.0
4.0
4.0
20.0
20.0
ns
tPHZ
tPLZ
Output disable time
from DIR to B
2
5.0
6.0
8.9
9.1
12.5
12.0
2.0
2.0
14.5
14.0
ns
tPZH
tPZL
Output enable time
from DIR to A
2
3.5
4.0
6.9
8.6
13.0
14.0
3.0
3.0
14.5
16.0
ns
tPHZ
tPLZ
Output disable
from DIR to A
2
2.5
2.5
3.7
3.7
5.5
5.0
2.0
2.0
6.0
5.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com