Electronic Components Datasheet Search
  English  ▼

X  

DCB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DCB
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DCB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DCB Datasheet HTML 1Page - List of Unclassifed Manufacturers DCB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
OUTPUT VOLTAGE & CURRENT RATINGS
DCA/DCB/DCC 15/25/50
Series
DCA
DCB
DCC
Output Code
Output Voltages
Output Current (s)
Output Current (s)
Output Current (s)
01
5 VDC
3.0 A
5.0 A
10 (8) A
02
12 VDC
1.2 A
2.1 A
4.3 (3.3) A
03
15 VDC
1.0 A
1.7 A
3.4 (2.7) A
04
24 VDC
0.62 A
1.1 A
2.5 (1.7) A
+12 VDC
0.75 A
1.2 A
2.0 (2.0) A
-12 VDC
0.5 A
0.9 A
1.7 (1.5)A
+15 VDC
0.5 A
1.0 A
1.7A (1.5) A
-15 VDC
0.5 A
0.7 A
1.5A (1.3) A
5 VDC
1.8 A
2.8 A
5.0 A
+12 VDC
0.15 A
0.5 A
.83 (.73) A
-12 VDC
0.15 A
0.5 A
.83 (.73) A
5 VDC
1.8 A
2.8 A
5.0A
+15 VDC
0.15 A
0.36 A
.65 (.58)A
-15 VDC
0.15 A
0.36 A
.65 (.58) A
10
48 VDC
-
0.5 A
1 (0.8) A
05
06
07
08
For 110/220 selectable inputs add suffix "S" to part number
Series
DCA
DCB
DCC
Terminal
Single
Dual
Triple
Single
Dual
Triple
Single
Dual
Triple
Output
Output
Output
Output
Output
Output
Output
Output
Output
0-
-
Case Gnd (FG)
Case Gnd (FG)
-
Case Gnd (FG)
-
-
Case Gnd (FG)
1
-VIN
-VIN
-VIN
+VIN
+VIN
+VIN
Case Gnd (FG)
+VIN
+VIN
2
+VIN
+VIN
+VIN
-VIN
-VIN
-VIN
+VIN
-VIN
-VIN
3
Case Gnd (FG)
Case Gnd (FG)
-V3
Filter Gnd (LFG) Filter Gnd (FG)
-V3
-VIN
Case Gnd (FG)
-V3
4
-
-VOUT
-V2
-+V2
-V2,3 Common
Filter Gnd (FG)
+V2
V2,3 Common
5
-VOUT
Common
Common
-
-V2
+V2
-VOUT
-V2
+V2
6
+VOUT
+VOUT
-V1
-VOUT
+V1
+V1
+VOUT
+V1
+V1
7
-
-
-
+VOUT
-V1
-V1
-
-V1
+V1
Dimension
DCA
DCB
DCC
A
4.64(118)
5.31(135)
6.30(160)
B
3.15(80)
3.35(85)
3.78(96)
C
.98(25)
1.22(31)
1.30(33)
D
2.76(70)
2.76(70)
3.94(100)
E
2.05(52)
2.20(56)
2.40(61)
F
1.30(33)
1.28(32.5)
1.18(30)
G
—
3.74(95)
4.65(118)
H
—
.28(7)
.39(10)
I
—
.39(10)
.39(10)
1. DCA Triple output - no adjustment
DCB /DCC triple outputs - only 5 VDC adjustable
Ordering Guide: Series/Input Code
Example: DCC 201 - 50 Watt Series, 24 Volt Input, 5 Volt Output @ 10 AMPS
Series
Output
DCA
15 Watts
DCB
25 Watts
DCC
40/50 Watts
Output Code
From Chart
Above
Input Code
Input Range
1
12 volt nominal (9-16 VDC)
2
24 volt nominal (19-32 VDC)
3
48 volt nominal (38-63 VDC)
4
110 volt nominal (85-140 VDC)
DCA/DCB/DCC
4/4/02
3:42 pm
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com