Electronic Components Datasheet Search
  English  ▼

X  

AMF2815D/EM Datasheet(PDF) 1 Page - International Rectifier

Part # AMF2815D/EM
Description  ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2815D/EM Datasheet(HTML) 1 Page - International Rectifier

  AMF2815D/EM Datasheet HTML 1Page - International Rectifier AMF2815D/EM Datasheet HTML 2Page - International Rectifier AMF2815D/EM Datasheet HTML 3Page - International Rectifier AMF2815D/EM Datasheet HTML 4Page - International Rectifier AMF2815D/EM Datasheet HTML 5Page - International Rectifier AMF2815D/EM Datasheet HTML 6Page - International Rectifier AMF2815D/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
07/25/03
www.irf.com
1
ADVANCED ANALOG
RADIATION TOLERANT
DC/DC CONVERTERS
Description
n 12 Watts Output Power
n Available in 3.3, 5, 12 and 15 Volt Outputs
n 16 - 40 VDC Input Range (28 VDC Nominal)
n Low Input/Output Noise
n Total Ionizing Dose > 25KRads (Si)
n No SEE to LET > 60 MeV-cm
2
/mg
n -55°C to +125°C Operating Range
n Indefinite Short Circuit Protection
n Flexible Mounting
n High Power Density
n Fully Isolated - Input to Output and to Case
n Complimentary EMI Filter Available
n Synchronizable From An External Source
n Electrical Performance Similar to
AHF28XXS Series
Features
AMF
28V Input, Single Output
The AMF28XXS series of DC/DC converter modules
has been specifically designed for operation in moder-
ate radiation environments supplementing the higher
radiation performance available in the Advanced Ana-
log ART, ARH and G-Series converters. Environ-
ments presented to space vehicles operating in low
earth orbits, launch boosters, orbiting space stations
and similar applications requiring a low power, high
performance converter with moderate radiation hard-
ness performance will be optimally served by the
AMF28XXS Series.
The AMF28XXS has been designed for high density
using chip and wire hybrid technology that complies
with the class H requirements of MIL-PRF-38534. Fin-
ished product are fabricated in a facility fully qualified
to MIL-PRF-38534. The standard processing adopted
for the AMF28XXS meets the requirements of MIL-PRF-
38534 for class H but with enhanced screening steps
and includes element evaluation. Applicable generic
lot qualification test data including radiation perfor-
mance can be made available on request. Consult
Advanced Analog for special requirements.
AMF28XXS SERIES
PD - 94689
The physical configuration of the AMF28XXS series
permits mounting directly to a heat dissipation surface
without the necessity of signal leads penetrating the
heat sink surface. This package configuration permits
greater independence in mounting and more mechani-
cal security than traditional packages.
Advanced
Analog’s rugged ceramic seal pins are used exclusively
in the package thereby assuring long term hermeticity.


Similar Part No. - AMF2815D/EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF2815D/EM IRF-AMF2815D/EM Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMF2815D/EM IRF-AMF2815D/EM Datasheet
130Kb / 7P
HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
More results

Similar Description - AMF2815D/EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
M3L2815S IRF-M3L2815S Datasheet
88Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AMF28XXD IRF-AMF28XXD Datasheet
69Kb / 7P
28V Input, Dual Output, ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AMA2803R3S IRF-AMA2803R3S Datasheet
64Kb / 7P
RADIATION TOLERANT DC/DC CONVERTERS
logo
List of Unclassifed Man...
AMA2800 ETC2-AMA2800 Datasheet
25Kb / 2P
Radiation Tolerant DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com