Electronic Components Datasheet Search
  English  ▼

X  

DCC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DCC
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DCC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DCC Datasheet HTML 1Page - List of Unclassifed Manufacturers DCC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Efficiency to 86%
•
Wide Input Ranges
•
Adjustable Outputs
•
Isolated Outputs
•
Input/Output Protection
•
Compact Size/Light Weight
•
Specification
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
15-25-50 Watts
DCA/DCB/DCC Series
DC/DC Converters
Intelligent Design Quality Product
XPiQ inc.
Input
Input Voltage Range
•
See Table
Input Filter
•
π Network
Input Protection
•
Input Fuse
Output
Voltage Adjustment
•
±5%, see note 1, page 2
Line Regulation
•
0.8%
(Full Input Range)
Load Regulation
•
0.9%
(No Load-Full Load)
Ripple & Noise
•
5% of VOUT & 50mV p-p
(DC-100MHz)
Temperature
•
0.03%/°C
Coefficient
Overvoltage
•
Zener Diode
Protection
Short Circuit
•
Foldback Current Limit
Protection
General
Switching
•
50 kHz Typical
Frequency
Efficiency
•
75% Typical
Isolation
•
50 Mohm (500 VDC)
(Input-Output-Case)
Weight
•
DCA 250g, DCB,350g, DCC 410G
Environmental
Operating
•
0°C to 50°C (no derating)
Temperature
Storage
•
-20°C to 85°C
Temperature
Safety and EMC
EMI/RFI
•
Metal Case
DCA/DCB/DCC
4/4/02
3:42 pm
Page 1


Similar Part No. - DCC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCC010 SANYO-DCC010 Datasheet
54Kb / 2P
Ultrahigh-Speed Switching Diode
DCC010 SANYO-DCC010 Datasheet
69Kb / 2P
Ultrahigh-Speed Switching Diode
DCC010 SANYO-DCC010 Datasheet
67Kb / 2P
Sillicon Epitaxial Planar Type (Series Connection)
DCC010-TB-E SANYO-DCC010-TB-E Datasheet
67Kb / 2P
Sillicon Epitaxial Planar Type (Series Connection)
DCC010_9806 SANYO-DCC010_9806 Datasheet
69Kb / 2P
Ultrahigh-Speed Switching Diode
More results

Similar Description - DCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com