Electronic Components Datasheet Search
  English  ▼

X  

M10 Datasheet(PDF) 13 Page - Intel Corporation

Part # M10
Description  Intel® MAX® 10 FPGA Device Overview
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M10 Datasheet(HTML) 13 Page - Intel Corporation

Back Button M10 Datasheet HTML 6Page - Intel Corporation M10 Datasheet HTML 7Page - Intel Corporation M10 Datasheet HTML 8Page - Intel Corporation M10 Datasheet HTML 9Page - Intel Corporation M10 Datasheet HTML 10Page - Intel Corporation M10 Datasheet HTML 11Page - Intel Corporation M10 Datasheet HTML 12Page - Intel Corporation M10 Datasheet HTML 13Page - Intel Corporation M10 Datasheet HTML 14Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Configuration
Table 12.
Configuration Features
Feature
Description
Dual configuration
• Stores two configuration images in the configuration flash memory (CFM)
• Selects the first configuration image to load using the CONFIG_SEL pin
Design security
• Supports 128-bit key with non-volatile key programming
• Limits access of the JTAG instruction during power-up in the JTAG secure mode
• Unique device ID for each Intel MAX 10 device
SEU Mitigation
• Auto-detects cyclic redundancy check (CRC) errors during configuration
• Provides optional CRC error detection and identification in user mode
Dual-purpose configuration
pin
• Functions as configuration pins prior to user mode
• Provides options to be used as configuration pin or user I/O pin in user mode
Configuration data
compression
• Decompresses the compressed configuration bitstream data in real-time during
configuration
• Reduces the size of configuration image stored in the CFM
Instant-on
Provides the fastest power-up mode for Intel MAX 10 devices.
Table 13.
Configuration Schemes for Intel MAX 10 Devices
Configuration Scheme
Compression
Encryption
Dual Image
Configuration
Data Width
Internal Configuration
Yes
Yes
Yes
—
JTAG
—
—
—
1
Power Management
Table 14.
Power Options
Power Options
Advantage
Single-supply device
Saves board space and costs.
Dual-supply device
• Consumes less power
• Offers higher performance
Power management
controller scheme
• Reduces dynamic power consumption when certain applications are in standby mode
• Provides a fast wake-up time of less than 1 ms.
Document Revision History for Intel MAX 10 FPGA Device Overview
Document
Version
Changes
2021.11.01
• Updated the Sample Ordering Code and Available Options for Intel MAX 10 Devices diagram.
— Added SL and DD feature options, Y package type, and 180 package code.
— Removed –I6 speed grade from contact information. All OPNs for –I6 speed grade are available
in the Intel Quartus Prime Standard Edition software version 21.1 onwards.
• Added V81 and Y180 packages in the Package Plan for Intel MAX 10 Single Power Supply Devices
table.
• Added Y180 package in the Migration Capability Across Intel MAX 10 Devices diagram.
Intel® MAX® 10 FPGA Device Overview
683658 | 2021.11.01
Send Feedback
Intel® MAX® 10 FPGA Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com