Electronic Components Datasheet Search
  English  ▼

X  

FESIA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FESIA
Description  1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FESIA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FESIA Datasheet HTML 1Page - List of Unclassifed Manufacturers FESIA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Voltage
50 to 600 V
Current
1.0 A
FES1A ........ FES1J
1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
• Glass passivated junction
• High current capability
• The plastic material carries U/L 94 V-0
• Low profile package
• Easy pick and place
• High temperature soldering 260 ºC 10 sec
Dimensions in mm.
CASE:
SMA/DO-214AC
Maximum Ratings and Electrical Characteristics at 25 ºC
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Forward current at T
L = 75 ºC
V
RRM
V
RMS
V
DC
I
F(AV)
I
FSM
V
F
I
R
Maximum DC Reverse Current
at Rated DC Blocking Voltage
MECHANICAL DATA
Terminals: Solder plated, solderable per IEC 68-2-20.
Standard Packaging: 4 mm. tape (EIA-RS-481).
Weight: 0.064 g.
Marking Code
Maximum Instantaneous Forward
Voltage at 1.0A
Ta = 25 ºC
Ta = 100 ºC
Maximum Reverse Recovery Time (0.5/1/0.25A)
T
rr
Typical Junction Capacitance (1MHz; -4V)
C
j
Typical Thermal Resistance
(5x5 mm2 x 130 µ Copper Area)
Operating Junction and Storage
Temperature Range
8.3 ms. peak forward surge current
(Jedec Method)
T
j - Tstg
R
th (j-l)
Rth (j-a)
U5
U4
U3
U2
U1
50
35
50
100
70
100
200
140
200
300
210
300
400
280
400
1.0 A
30 A
0.95 V
50 ns
8 pF
5 µA
100 µA
27 ºC/W
75 ºC/W
-55 to + 150 ºC
1.25 V
U6
600
420
600
2.0
4.2
Standard soldering pad
1.25 ± 0.25
5.1 ± 0.3
1.25 ± 0.25
Year code
Jun - 03
FES1G
FES1F
FES1D
FES1B
FES1A
FES1J
Week code
Type No. Closs


Similar Part No. - FESIA

ManufacturerPart #DatasheetDescription
logo
Power-One
FES POWER-ONE-FES Datasheet
1Mb / 3P
300 WATT
FES100ZD-A POWER-ONE-FES100ZD-A Datasheet
1Mb / 3P
300 WATT
logo
ON Semiconductor
FES10D ONSEMI-FES10D Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
FES10G ONSEMI-FES10G Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
FES10J ONSEMI-FES10J Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
More results

Similar Description - FESIA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31DF2 ETC-31DF2 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
EGP10A ETC-EGP10A Datasheet
38Kb / 2P
1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
FUF4001 ETC-FUF4001 Datasheet
37Kb / 2P
1 Amp. Glass Passivated Ultrafast Recovery Rectifier
FUF5400 ETC-FUF5400 Datasheet
38Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
FRS3A ETC-FRS3A Datasheet
49Kb / 2P
3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FES3A ETC-FES3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FRS2A ETC1-FRS2A Datasheet
48Kb / 2P
1.5 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FES2A ETC1-FES2A Datasheet
51Kb / 2P
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FS3A ETC1-FS3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Rectifier
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com