Electronic Components Datasheet Search
  English  ▼

X  

YC-032 Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # YC-032
Description  Crimping machines and tools
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

YC-032 Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  YC-032 Datasheet HTML 1Page - JST Mfg. Co., Ltd. YC-032 Datasheet HTML 2Page - JST Mfg. Co., Ltd. YC-032 Datasheet HTML 3Page - JST Mfg. Co., Ltd. YC-032 Datasheet HTML 4Page - JST Mfg. Co., Ltd. YC-032 Datasheet HTML 5Page - JST Mfg. Co., Ltd. YC-032 Datasheet HTML 6Page - JST Mfg. Co., Ltd. YC-032 Datasheet HTML 7Page - JST Mfg. Co., Ltd. YC-032 Datasheet HTML 8Page - JST Mfg. Co., Ltd. YC-032 Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
JK-SP2***/JK-SS2***
YRS-370
-
-
-
-
-
-
KEJ-0.7 for plug, KEJ-0.4 for socket
-
J-SP1***/J-SS1***
YRS-440
YC-440
-
-
-
-
J-BP/BS1***
DEJ-0.3
-
J-SP2***/J-SS2***
YRS-330
-
-
-
-
-
-
DEJ-0.3
-
LFO-1.0-250N
-
-
-
-
-
JUCS-FO
-
-
-
LFO-2.5-250N
-
-
-
-
-
JUCS-FO
-
-
-
MD-SP12**
YRS-470
-
-
-
-
-
-
MEJ-06
-
MD-SP22**
YRS-460
-
-
-
-
-
-
MEJ-06
-
RA-SC1290
YRS-231
-
YRM-232
-
-
-
RA-BC12**
EJ-RA
-
YRM-233
RF-SC22**
-
-
YRM-230
-
-
-
RF-BC22**
-
-
RPJ-SP2331
YRS-331
-
-
-
-
-
-
EJ-RPJ
-
RPJ-SS2331
SAA-21(T)-**
-
YC-141
-
-
-
-
LAA-21(T-)**
-
-
SAA-50(T)-**
-
YC-182
-
-
-
-
LAA-50(T)-**
-
-
SAA-51(T)-**
-
YC-142
-
-
-
-
LAA-51(T)-**
-
-
SAB-51(T)-**
-
YC-142
-
-
-
-
LAB-51(T)-**
-
-
SACH-003G-P0.2
YRS-1190
-
-
-
-
-
-
-
-
SAGH-002GU-P0.3
YRS-858
-
-
-
-
-
-
-
-
SAN-002T-0.8A
YRS-220
-
-
-
-
-
-
EJ-PH
-
SAN-002T-0.8K
SBH-001T-P0.5
-
YC-670R
-
-
-
WC-670
BBH-001T-P0.5
-
-
SBHL-002T-P0.5
YRS-857
-
-
-
-
-
-
-
-
SBHM-001T-P0.5
-
YC-670R
-
-
-
-
BBHM-001T-P0.5
EJ-BHMR
-
SBHS-002T-P0.5A
YRS-852
-
-
-
-
-
-
EJ-BHS2
-
SBHS-002T-P0.5A
-
-
-
-
-
-
-
EJ-BHS2
-
SBHSM-002T-P0.5
YRS-854
-
-
-
-
-
-
EJ-BHSW
-
SBHT-002T-P0.5
YRS-856
-
-
-
-
-
-
EJ-BHT
-
YRS-857
SBN-001T-1.0
YRS-170
YC-170R
-
-
-
-
BBN-001T-1.0
-
-
SCN-001T-1.0K
YRS-191
YC-191R
-
-
-
WC-191
BCN-001T-1.0K
-
-
SCN-001T-P1.0
BCN-001T-P1.0
SCS-41T-2.3
-
-
-
-
-
-
-
CSJ-23
-
SCSH-002T-P0.2N
YRS-1350
-
-
-
-
-
-
-
-
4
3
Extraction tool
Terminals and parts model
number in alphabetical order
Insertion tool
Hand tools
Hand tools
for chain terminals
for loose piece terminals
for loose piece terminals
Extraction and Insertion tools
YRS
series
Insertion tool allows contacts be inserted
in the housing.
This tool greatly increases efficiency especially
when thin wires are used.
Extraction tool is used to extract
contacts improperly inserted in the housing.
Note: (1) These tools are for prototype tooling or repair.
(2) YC tool has two crimping sections (A and B). YRS tool has also two crimping sections by inverting upper dies.
Be sure to check applicable wires before use. Since the dies are fixed, the crimping height cannot be adjusted. Therefore, some of the
applicable wires described in this catalog may not be crimped properly.
Before use, check for proper crimping (such as tensile strength, terminal/contact deformation).
(3) These tools are not applicable to 2-wire crimping.
(4) When hand crimping board-in terminals (SAN, SCN, SDN, SGN, SIN, SJN, SZN), care should be taken not to contaminate the solder
tails of the terminals, as with greasy or oily fingers. If a solder problem arises, some cleaning of the tips of the terminal is advisable.
(5) WC and JUC hand tools are provided by J.S.T.(U.K.) LTD. and contact them about the details of these hand tools.
Dimensions:
(W×L) 59×224 mm
YC
series
Dimensions:
(W×L) 70×296 mm
YRM
series
Dimensions:
(W×L) 59×224 mm
YRF
series
Dimensions:
(W×L) 70×295 mm
80×305 mm
YRS series
YC series
YRM series
YRF series
WC & JUC series
JUK's Hand Tools
Terminal in loose form
model No.
Crimping tools
It is the manual tool that is convenience to terminate very small quantity of contacts for prototype or maintenance.
It is composed of two crimping dies for the conductor and insulation, and can be crimp easily.
YRK and YRK-EX can be used for mass-production.
YRK . YRK-EX series
Note: Contact JST for wire range.
YRK
series
Dimensions:
(W×L×D)
75×314×25 mm
Dimensions:
(W×L×D)
75×314×25 mm
YRK-EX
series
Handtools
Crimping tools
Crimping tools
PH CONNECTOR High box type
PH CONNECTOR High box type
Handtools
Crimping tools
Crimping tools



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com