Electronic Components Datasheet Search
  English  ▼

X  

YC-033 Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # YC-033
Description  Crimping machines and tools
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

YC-033 Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  YC-033 Datasheet HTML 1Page - JST Mfg. Co., Ltd. YC-033 Datasheet HTML 2Page - JST Mfg. Co., Ltd. YC-033 Datasheet HTML 3Page - JST Mfg. Co., Ltd. YC-033 Datasheet HTML 4Page - JST Mfg. Co., Ltd. YC-033 Datasheet HTML 5Page - JST Mfg. Co., Ltd. YC-033 Datasheet HTML 6Page - JST Mfg. Co., Ltd. YC-033 Datasheet HTML 7Page - JST Mfg. Co., Ltd. YC-033 Datasheet HTML 8Page - JST Mfg. Co., Ltd. YC-033 Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SCSN-41T-P2.3
-
-
-
-
-
-
-
EJ-CSN
-
SCZH-002T-P0.5
YRS-492
-
-
-
-
-
-
-
-
SDACP-002T-M0.9
YRS-1530
-
-
-
-
-
-
-
-
YRS-1531
SDF-01T-1.0A
-
YC-045
-
-
-
-
LDF-01T-1.0A
-
-
SDF-01T-1.3AS
LDF-01T-1.3AS
SDN-21T-P1.5
-
YC-600R
-
-
-
-
BDN-21T-P1.5
-
-
SDY-01T-P1.6ASV
-
YC-525R
-
-
-
-
BDY-01T-P1.6ASV
SLJ-1.4
-
SEH-001T-P0.6
YRS-260
YC-260R
-
-
-
WC-260
BEH-001T-P0.6
EJ-PH
-
SEH-001T-P0.6L
-
-
-
-
-
-
-
EJ-PH
-
SEH-002T-P0.6L
-
-
-
-
-
-
-
EJ-PH
-
SEH-003T-P0.6L
-
-
-
-
-
-
-
EJ-PH
-
SF1F-01GC-P0.6
-
-
-
-
YRK-1230
-
-
-
-
SF1M-01GC-M0.6A
SF1F-002T(GC)-P0.6
-
-
-
-
YRK-1220
-
-
EJ-JFAJ1100
-
SF1M-002T(GC)-M0.6A
SF1F-21T(GC)-P0.6
-
-
-
-
YRK-1210
-
-
EJ-JFAJ1100
-
SF1M-21T(GC)-M0.6A
SF3F-002(*)-P2.0
-
-
-
YRF-882
YRK-8821
-
BF3F-002(*)-P2.0
EJ-JFAJ3
-
SF3M-002(*)-M2.0N
BF3M-002(*)-M2.0N
SF3F-01(*)-P2.0
-
-
-
YRF-881
YRK-8811
-
BF3F-01(*)-P2.0
EJ-JFAJ3
-
BF3M-002(*)-M2.0N
BF3M-01(*)-M2.0N
SF3F-41(*)-P2.0
-
-
-
YRF-880
YRK-8801
-
LF3F-41(*)-P2.0
EJ-JFAJ3
-
SF3M-41(*)-M2.0N
LF3M-41(*)-M2.0N
SF3F-71(*)-P2.0
-
-
-
YRF-1070
YRK-1071
-
BF3F-71(*)-P2.0
EJ-JFAJ3
-
SF3M-71(*)-M2.0N
BF3M-71(*)-M2.0N
SFO-41(T)-187N(-8)
-
YC-271
-
-
-
-
LFO-41(T)-187N
-
-
SFO-61(T)-250A
-
YC-270
-
-
-
-
LFO-61(T)-250A
-
-
SFPS-61T-250
-
YC-272
-
-
-
-
LFPS-61(T)-250
-
-
SFT-61T-250N
-
YC-510
-
-
-
-
LFT-61T-250N
-
-
SGF-41(T)-4
-
YC-055
-
-
-
-
LGF-41(T)-4
-
-
SGF-51(T)-5
-
YC-065
-
-
-
-
LGF-51(T)-5
-
-
LGF-51(T)-5A
SGHD-002GA-P0.2
YRS-1590
-
-
-
-
-
-
-
-
SGM-51T-5
-
YC-056
-
-
-
-
LGM-51T-5
-
-
SGVH-002T-P0.2
YRS-1590
-
-
-
-
-
-
-
-
SHCM-A03T-P025
YRS-960
-
-
-
-
WC-SHCM-A03
-
-
-
SHF-001T-0.8BS
YRS-122
YC-122R
-
-
-
WC-122
BHF-001T-0.8BS
EJ-SMP (Note1)
-
SHF-002T-0.8BS
YRS-300
-
-
-
-
-
-
EJ-SMP (Note1)
-
SHIF-01T-P0.5
-
YC-985R
-
-
-
-
-
EJ-HILP
-
SHIF-21T-P0.5
-
YC-995R
-
-
-
-
-
EJ-HILP
-
SHIM-01T-P0.5
-
YC-985R
-
-
-
-
-
EJ-HILR
-
SHIM-21T-P0.5
-
YC-995R
-
-
-
-
-
EJ-HILR
-
SHR-001T-P0.6
YRS-580
YC-580R
-
-
-
-
BHR-001T-P0.6
-
-
SHYVF-21T-M0.5
-
-
-
-
-
-
-
EJ-BNI
-
SHYVF-41T-M0.5
-
-
-
-
-
-
-
EJ-BNI
-
SIM-01(T)-110A
-
YC-054
-
-
-
-
LIM-01(T)-110A
-
-
SIM-1.0-250D/N
-
-
-
-
-
JUCS-IM
-
-
-
SIM-2.5-250D/N
-
-
-
-
-
JUCS-IM
-
-
-
SIM-41(T)-110B
-
YC-067
-
-
-
-
LIM-41(T)-110B
-
-
SIM-51(T)-250N
-
YC-321
-
-
-
-
LIM-51(T)-250N
-
-
6
5
Extraction tool
Terminals and parts model
number in alphabetical order
Insertion tool
Hand tools
Hand tools
for chain terminals
for loose piece terminals
for loose piece terminals
Extraction and Insertion tools
YRS series
YC series
YRM series
YRF series
WC & JUC series
JUK's Hand Tools
Terminal in loose form
model No.
YRK . YRK-EX series
Note 1: Please use EJ-SMP as an extraction tool when using the combination with SM connector 18-circuit housing.
2: Contact JST for wire range.
Handtools
Crimping tools
Crimping tools
PH CONNECTOR High box type
PH CONNECTOR High box type
Handtools
Crimping tools
Crimping tools
PH CONNECTOR High box type
PH CONNECTOR High box type



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com