Electronic Components Datasheet Search
  English  ▼

X  

APC77134 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # APC77134
Description  VDSL Splitter Protection Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC77134 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  APC77134 Datasheet HTML 1Page - Bel Fuse Inc. APC77134 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
EUROPE
Bel Stewart Connector
45/46 Riverside
Medway City Estate
Rochester, Kent ME2 4DP U.K.
Tel 44-1634-722890
Fax 44-1634-716677
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 05.20.03
Page 2
27.9
1.0
25.9
28.9
2.54 in 16
Places
1.2
3.0
Side View
Top View
Recommended PCB Layout
End View
2.0
25.4
+/-0.254
31.75
+/- 0.381
5.7
0.5
15.0 MAX
SKYLINE
0.25
FREQUENCY ALLOCATION
VDSL Splitter Protection Module
APC77134
Pin No.
Signal
Pin No.
Signal
1
RING
10
N/C
2
FGND
11
N/C
3
FGND
12
N/C
4
TIP
13
N/C
5
N/C
14
N/C
6
ISDN CPE P
15
N/C
7
N/C
16
VDSL N
8
N/C
17
N/C
9
ISDN CPE N
18
VDSL P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com