Electronic Components Datasheet Search
  English  ▼

X  

2SC1623A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC1623A
Description  NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1623A Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC1623A Datasheet HTML 1Page - Renesas Technology Corp 2SC1623A Datasheet HTML 2Page - Renesas Technology Corp 2SC1623A Datasheet HTML 3Page - Renesas Technology Corp 2SC1623A Datasheet HTML 4Page - Renesas Technology Corp 2SC1623A Datasheet HTML 5Page - Renesas Technology Corp 2SC1623A Datasheet HTML 6Page - Renesas Technology Corp 2SC1623A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet D17841EJ2V0DS
4
2SC1623A
IC - Collector Current - mA
NORMALIZED h-PARAMETER vs.
COLLECTOR CURRENT
hie
hre
hfe
hoe
hie
hre
hfe
hoe
VCE = 6.0 V
f = 1.0 kHz
he(IC)
he(IC = 1.0 mA)
He =
10
2
5
1
0.2
0.5
0.1
0.1
0.2
0.5
1
2
5
10
ICE = 1.0 V
f = 1.0 kHz
he(VCE)
he(VCE = 6 V)
He =
3
2
1
0
VCE - Collector to Emitter Voltage - V
NORMALIZED h-PARAMETER vs.
COLLECTOR TO EMITTER VOLTAGE
10
20
30
hoe
hre
hfe hie
hfe hie
hre
hoe



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com