Electronic Components Datasheet Search
  English  ▼

X  

2SC2654 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2654
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2654 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2654 Datasheet HTML 1Page - Renesas Technology Corp 2SC2654 Datasheet HTML 2Page - Renesas Technology Corp 2SC2654 Datasheet HTML 3Page - Renesas Technology Corp 2SC2654 Datasheet HTML 4Page - Renesas Technology Corp 2SC2654 Datasheet HTML 5Page - Renesas Technology Corp 2SC2654 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D16134EJ1V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SC2654
NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
DATA SHEET
2002
FEATURES
• Large current capacitance in small dimension: IC(DC) = 7 A
• Low collector saturation voltage:
VCE(sat) = 0.3 V MAX. (IC = 3.0 A)
• Ideal for use in a lamp driver
• Complementary transistor: 2SA1129
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
100
V
Collector to emitter voltage
VCEO
40
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
7.0
A
Collector current (pulse)
IC(pulse)*15
A
Base current (DC)
IB(DC)
3.5
A
Total power dissipation
PT (Tc = 25
°C)
40
W
Total power dissipation
PT (Ta = 25
°C)
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 300
µs, duty cycle ≤ 10%
PACKAGE DRAWING (UNIT: mm)
Electrode Connection
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 40 V, IE = 0
10
µA
Emitter cutoff current
IEBO
VEB = 5.0 V, IC = 0
10
µA
DC current gain
hFE1
VCE = 1.0 V, IC = 3 A*
40
320
DC current gain
hFE2
VCE = 1.0 V, IC = 5 A*
20
Collector saturation voltage
VCE(sat)1
IC = 3.0 A, IB = 0.1 A*
0.3
V
Base saturation voltage
VBE(sat)1
IC = 3.0 A, IB = 0.1 A*
1.5
V
Collector saturation voltage
VCE(sat)2
IC = 5.0 A, IB = 0.5 A*
0.6
V
Base saturation voltage
VBE(sat)2
IC = 5.0 A, IB = 0.5 A*
2.0
V
Turn-on time
ton
1.0
µs
Storage time
tstg
2.5
µs
Fall time
tf
IC = 5.0 A, IB1 =
−IB2 = 0.5 A
RL = 4.0
Ω, VCC ≅ 20 V
PW
≅ 50
µs, duty cycle ≤ 2 %
1.0
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE1 classification M: 40 to 80, L: 60 to 120, K: 100 to 200, J: 160 to 320



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com